Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC347C8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC347C8
Description  GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC347C8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC347C8_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC347C8_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC347C8_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC347C8_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC347C8_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC347C8_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 214
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC347C8
GaAs MMIC SMT HIGH ISOLATION
SPDT SWITCH, DC - 8 GHz
v01.0404
General Description
Features
Functional Diagram
The HMC347C8 is a broadband high isolation non-
reflective GaAs MESFET SPDT switch in a non-
hermetic surface mount ceramic package. Covering
DC to 8 GHz, the switch features >50 dB isolation
up to 2 GHz and >35 dB isolation up to 8 GHz. The
switch
operates
using
complementary
negative
control voltage logic lines of -5/0V and requires no
bias supply. This SPDT is an excellent replacement
for the HMC132C8 SPDT.
Isolation: 50 dB @ 2.5 GHz
36 dB @ 8 GHz
Insertion Loss: 2 dB Typical
Non-Reflective Design
Surface Mount Ceramic Package
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
The HMC347C8 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Test Instrumentation
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
1.7
2.0
2.4
2.0
2.4
2.8
dB
dB
dB
Isolation
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
49
35
32
54
40
36
dB
dB
dB
Return Loss
“On State”
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
10
7
6
13
10
9
dB
dB
dB
Return Loss RF1, RF2
“Off State”
DC - 2.0 GHz
DC - 6.0 GHz
DC - 8.0 GHz
9
6
6
dB
dB
dB
Input Power for 1 dB Compression
0.5 - 8.0 GHz
19
23
dBm
Input Third Order Intercept
(Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation)
0.5 - 8.0 GHz
38
43
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 8.0 GHz
3
6
ns
ns


Similar Part No. - HMC347C8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347C8 HITTITE-HMC347C8_06 Datasheet
252Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
More results

Similar Description - HMC347C8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
   GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
HMC234C8 HITTITE-HMC234C8_08 Datasheet
174Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC132C8 HITTITE-HMC132C8_01 Datasheet
135Kb / 6P
   GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G7 HITTITE-HMC232G7 Datasheet
173Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC233G8 HITTITE-HMC233G8_08 Datasheet
157Kb / 6P
   GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com