Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC347 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC347
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC347 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC347_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC347_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC347_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC347_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC347_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC347_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
4 - 29
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1, 4, 7
RFC, RF1, RF2
This pad is DC coupled and matched to 50 Ohm. Blocking capacitors
are required if the RF line potential is not equal to 0V.
2, 5, 8, 10
CTRLA
See truth table and control voltage table.
3, 6, 9
CTRLB
See truth table and control voltage table.
GND
Die bottom must be connected to RF ground.
Pad Descriptions
Suggested Driver Circuit
HMC347
v04.0907
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 20 GHz


Similar Part No. - HMC347_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
More results

Similar Description - HMC347_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Filtronic Compound Semi...
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
   DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com