Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1601 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SA1601
Description  Switching Power Transistor(-15A PNP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SA1601 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  2SA1601 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SA1601 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SA1601 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SA1601 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SA1601 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SA1601 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SA1601 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SA1601 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0.01
0.1
1
0
50
100
150
2SA1601
IC = −7.5A
IB1 = −0.75A
IB2 = −0.75A
VBB2 = −4V
RL = 4Ω
ts
ton
tf
Switching Time - Tc
Case Temperature Tc [
°C]


Similar Part No. - 2SA1601

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1601 ISC-2SA1601 Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1601 SAVANTIC-2SA1601 Datasheet
223Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1601 JMNIC-2SA1601 Datasheet
161Kb / 3P
   Silicon PNP Power Transistors
2SA1601 JMNIC-2SA1601 Datasheet
161Kb / 3P
   Silicon PNP Power Transistors
logo
Powerex Power Semicondu...
2SA1601 POWEREX-2SA1601 Datasheet
263Kb / 7P
   Gate Driver
More results

Similar Description - 2SA1601

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4151 SHINDENGEN-2SC4151 Datasheet
403Kb / 8P
   Switching Power Transistor(15A NPN)
2SC4582 SHINDENGEN-2SC4582 Datasheet
446Kb / 10P
   Switching Power Transistor(15A NPN)
2SC4059 SHINDENGEN-2SC4059 Datasheet
526Kb / 12P
   Switching Power Transistor(15A NPN)
2SB1285 SHINDENGEN-2SB1285 Datasheet
415Kb / 9P
   Darlington Transistor(-15A PNP)
2SB1448 SHINDENGEN-2SB1448 Datasheet
416Kb / 9P
   Darlington Transistor(-15A PNP)
logo
Sanyo Semicon Device
2SA2181 SANYO-2SA2181 Datasheet
41Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching
2SA2209 SANYO-2SA2209 Datasheet
60Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching
logo
Shindengen Electric Mfg...
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
   Switching Power Transistor(-7A PNP)
2SA1876 SHINDENGEN-2SA1876 Datasheet
386Kb / 8P
   Switching Power Transistor(-3A PNP)
logo
Rohm
UMT2907A ROHM-UMT2907A Datasheet
79Kb / 4P
   PNP Medium Power Transistor (Switching)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com