Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576T Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576T
Description  3.0A, 52kHz, Step-Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576T Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM2576T Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576T Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576T Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576T Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576T Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576T Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576T Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576T Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576T Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3.0A, 52kHz, Step-Down Switching Regulator
LM2576
OPERATING RATINGS(Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed
specifications, see the Electrical Characteristics.)
LM2576-3.3V ([Note 1] Test Circuit Figure 2)
LM2576-5.0V ([Note 1] Test Circuit Figure 2)
LM2576-12V ([Note 1] Test Circuit Figure 2)
LM2576-ADJ ([Note 1] Test Circuit Figure 2)
%
-
1.28
-
HTC
- 3 -
TJ= -40℃ ~ +125℃
1.18
Feedback Voltage(8.0V≤Vin≤40V, 0.5A≤ILOAD≤3.0A, Vout=5.0V)
TJ=25℃
1.193
Efficiency (Vin=12V, ILOAD=3.0A, Vout=5.0V)
η
-77
1.23
1.267
Vout
%
Feedback Voltage (Vin=12V, ILOAD=0.5A, TJ=25℃)
Vout
1.217
1.23
1.243
V
V
-
12.6
Efficiency (Vin=25V, ILOAD=3.0A)
η
-88
-
Vout
V
TJ=25℃
11.52
12
12.48
TJ= -40℃ ~ +125℃
11.4
Output Voltage (15V≤Vin≤40V, 0.5A≤ILOAD≤3.0A
%
Output Voltage (Vin = 25V, ILOAD=0.5A, TJ=25℃)
Vout
11.76
12
12.24
V
-
5.25
Efficiency (Vin=12V, ILOAD=3.0A)
η
-77
-
Vout
V
TJ=25℃
4.8
5.0
5.2
TJ= -40℃ ~ +125℃
4.75
Output Voltage (8.0V≤Vin≤40V, 0.5A≤ILOAD≤3.0A
%
Output Voltage (Vin = 12V, ILOAD=0.5A, TJ=25℃)
Vout
4.9
5.0
5.1
V
-
3.465
Efficiency (Vin=12V, ILOAD=3.0A)
η
-75
-
Vout
V
TJ=25℃
3.168
3.3
3.432
TJ= -40℃ ~ +125℃
3.135
Output Voltage (6.0V≤Vin≤40V, 0.5A≤ILOAD≤3.0A
3.366
V
Characteristics
Symbol
Min
Output Voltage (Vin = 12V, ILOAD=0.5A, TJ=25℃)
Vout
3.234
3.3
TYP
Supply Voltage
Vin
40
Max
V
Unit
Operating Junction Temperature Range
TJ
-40 to +125
Rating
Symbol
Value
Unit
ELECTRICAL CHARACTERISTICS / SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 15)
(Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for
the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA. For typical values TJ = 25°C,
for min/max values TJ is the operating junction temperature range that applies [Note 2], unless
otherwise noted.)
1. External components such as the catch diode, inductor, input and output capacitors can affect
switching regulator system performance.
When the LM2576 is used as shown in the Figure 15 test circuit, system performance will be as
shown in system parameters section .
2. Tested junction temperature range for the LM2576: Tlow = –40°C Thigh = +125°C


Similar Part No. - LM2576T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LM2576T SEMTECH-LM2576T Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
logo
List of Unclassifed Man...
LM2576T ETC1-LM2576T Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576T-005 ONSEMI-LM2576T-005 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576T-005G ONSEMI-LM2576T-005G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576T-012 ONSEMI-LM2576T-012 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Similar Description - LM2576T

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Weitron Technology
WT2575M WEITRON-WT2575M Datasheet
975Kb / 11P
   2A Step-down Voltage Regulator Power Converter 52kHz
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com