Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC346G8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC346G8
Description  GaAs MMIC HERMETIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346G8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC346G8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC346G8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC346G8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC346G8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC346G8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC346G8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
5 - 88
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 8
RF1, RF2
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required if RF line potential is not equal to 0V.
2, 7
GND
This pin must be DC grounded.
3, 6
V2, V1
Control Input (Master).
4
I
Control Input (Slave).
5
O
This pin must have an external 500 Ohm resistor to ground.
Pin Descriptions
Single-Line Control Driver
Note:
External op-amp control circuit maintains imped-
ance match while attenuation is varied. Input con-
trol ranges from 0 Volts (min. attenuation) to -2.5
Volts (max. attenuation.)
HMC346G8
v03.1008
GaAs MMIC HERMETIC SMT VOLTAGE-
VARIABLE ATTENUATOR, DC - 8 GHz


Similar Part No. - HMC346G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346G8 HITTITE-HMC346G8 Datasheet
273Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8 Datasheet
320Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_06 Datasheet
320Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
More results

Similar Description - HMC346G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC121G8 HITTITE-HMC121G8 Datasheet
105Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 8 GHz
HMC121G8 HITTITE-HMC121G8_01 Datasheet
132Kb / 4P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
logo
Analog Devices
HMC346AMS8G AD-HMC346AMS8G Datasheet
898Kb / 4P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC346MS8G HITTITE-HMC346MS8G_08 Datasheet
240Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G Datasheet
265Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G_07 Datasheet
316Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346C8 HITTITE-HMC346C8_08 Datasheet
256Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_06 Datasheet
320Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8 Datasheet
273Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC121C8 HITTITE-HMC121C8 Datasheet
191Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com