Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC346 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC346
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC346_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC346_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC346_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC346_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC346_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC346_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
1 - 3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Relative Attenuation
Relative Attenuation vs.
Control Voltage @ 10 GHz
Insertion Loss vs. Temperature
Return Loss vs. Attenuation
Relative Phase
Relative Attenuation vs.
Control Voltage @ 20 GHz
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0
5
10
15
20
25
+25 C
-55 C
+85 C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
MIN
5 dB
MAX
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0
5
10
15
20
25
30
V1 +25 C
V1 -55 C
V1 +85 C
V2 +25 C
V2 -55 C
V2 +85 C
RELATIVE ATTENUATION (dB)
0
40
80
120
160
200
240
0
5
10
15
20
25
5 dB
10 dB
15 dB
20 dB
25 dB
30 dB
MAX
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0
5
10
15
20
25
V1 +25 C
V1 -55 C
V1 +85 C
V2 +25 C
V2 -55 C
V2 +85 C
RELATIVE ATTENUATION (dB)
HMC346
v04.1008
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, DC - 20 GHz


Similar Part No. - HMC346_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
More results

Similar Description - HMC346_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Analog Devices
HMC985A AD-HMC985A Datasheet
835Kb / 10P
   GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
logo
Hittite Microwave Corpo...
HMC985 HITTITE-HMC985 Datasheet
926Kb / 10P
   Gaas mmic voltage - variable attenuator, 20 - 50 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC121 HITTITE-HMC121 Datasheet
100Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR DC - 15 GHz
HMC346LC3B HITTITE-HMC346LC3B Datasheet
242Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346LP3 HITTITE-HMC346LP3_08 Datasheet
255Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com