Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79L18TA Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Part # LM79L18TA
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L18TA Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button LM79L18TA Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L18TA Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L18TA Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L18TA Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L18TA Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L18TA Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L18TA Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L18TA Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM79L18TA Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 10
-
HTC
TYPICAL OPERATING CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
AMBIENT TEMPERATURE TA(˚C)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
025
50
75
100
125
AMBIENT TEMPERATURE TA ( ˚C )
Iout = 1mA
Iout = 40mA
Iout = 70mA
Power Dissipation vs. Ambient Temperature, TO-92
Dropout Voltage vs. Ambient Temperature
-8
-7
-6
-5
-4
-3
-2
-1
0
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
INPUT VOLTAGE (V)
Iout=1mA
Iout=40mA
Iout=70mA
0
1
2
3
4
5
-30
-25
-20
-15
-10
-5
0
INPUT VOLTAGE VIN (V)
Output Voltage vs. Input Voltage
Quiescent Current vs. Input Voltage
-8
-7
-6
-5
-4
-3
-2
-1
0
0
25
50
75
100 125 150 175 200 225 250
OUTPUT CURRENT IOUT (mA)
TA = 25˚C
TA = 110˚C
Output Voltage vs. Output Current


Similar Part No. - LM79L18TA

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM79L18 FCI-LM79L18 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L18 ETC1-LM79L18 Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
First Components Intern...
LM79L18 FCI-LM79L18 Datasheet
2Mb / 7P
   LM79L00 Series 3-Terminal Negative Output Voltage Regulators
logo
Boca Semiconductor Corp...
LM79L18ACZ BOCA-LM79L18ACZ Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - LM79L18TA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com