Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC326MS8GE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC326MS8GE
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC326MS8GE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC326MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC326MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC326MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC326MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC326MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC326MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 33
P1dB vs. Temperature
Psat vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
Output IP3 vs. Temperature
-20
-15
-10
-5
0
5
10
15
20
25
2
2.5
3
3.5
4
4.5
5
5.5
6
S21
S11
S22
FREQUENCY (GHz)
15
17
19
21
23
25
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
20
22
24
26
28
30
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
20
22
24
26
28
30
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
30
32
34
36
38
40
3
3.25
3.5
3.75
4
4.25
4.5
+25C
+85C
-40C
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
-8
-6
-4
-2
0
2468
10
12
Output Power (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
Power Compression @ 3.5 GHz
HMC326MS8G / 326MS8GE
v08.0808
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 3.0 - 4.5 GHz


Similar Part No. - HMC326MS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC326MS8GE AD-HMC326MS8GE Datasheet
393Kb / 6P
   Wireless Local Loop Driver Amplifier
HMC326MS8GE AD-HMC326MS8GE Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results

Similar Description - HMC326MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC326MS8G HITTITE-HMC326MS8G Datasheet
231Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC326MS8G HITTITE-HMC326MS8G_07 Datasheet
283Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 3.0 - 4.5 GHz
HMC323 HITTITE-HMC323_01 Datasheet
213Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, DC - 3.0 GHz
HMC324MS8G HITTITE-HMC324MS8G_01 Datasheet
242Kb / 6P
   GaAs InGaP HBT MMIC DUAL DRIVER AMPLIFIER, DC - 3.0 GHz
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
262Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com