Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78L10 Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L10
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L10 Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM78L10 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM78L10 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Oct. 2010 - Rev. 1.4
- 11
-
HTC
TYPICAL OPERATING CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
AMBIENT TEMPERATURE TA(˚C)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
25
50
75
100
125
AMBIENT TEMPERATURE (˚C )
Power Dissipation vs. Ambient Temperature, TO-92
Dropout Voltage vs. Ambient Temperature
0
1
2
3
4
5
6
7
8
01
2
3
45
67
8
9
10
INPUT VOLTAGE (V)
0
1
2
3
4
5
0
5
10
15
20
25
30
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
Quiescent Current vs. Input Voltage
0
1
2
3
4
5
6
7
8
0
25
50
75 100 125 150 175 200 225 250
OUTPUT CURRENT (mA)
Output Voltage vs. Output Current
Iout = 1mA
Iout = 40mA
Iout = 70mA
TA = 25°C
TA = 125°C
Iout = 1mA
Iout = 40mA
Iout = 70mA


Similar Part No. - LM78L10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78L10 FCI-LM78L10 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM78L10 HTC-LM78L10 Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L10A HTC-LM78L10A Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM78L10A3 CYSTEKEC-LM78L10A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
More results

Similar Description - LM78L10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com