Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC327MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC327MS8G
Description  GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC327MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC327MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC327MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC327MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC327MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC327MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC327MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 4
Power Compression @ 3.5 GHz
Output IP3 vs. Temperature
Noise Figure vs. Temperature
Gain & Power vs. Supply Voltage
Reverse Isolation vs. Temperature
Power Down Isolation
18
20
22
24
26
28
22
24
26
28
30
32
4.75
5
5.25
Gain
P1dB
Psat
Vcc SUPPLY VOLTAGE (V)
0
2
4
6
8
10
3
3.5
4
4.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
8
16
24
32
40
48
-5
-1
3
7
11
15
Pout
Gain
PAE
INPUT POWER (dBm)
14
19
24
29
34
39
44
2.5
3
3.5
4
4.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
2.5
3
3.5
4
4.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-30
-20
-10
0
2.5
3
3.5
4
4.5
FREQUENCY (GHz)
HMC327MS8G / 327MS8GE
v05.0509
GaAs InGaP HBT MMIC
1/2 WATT POWER AMPLIFIER, 3 - 4 GHz


Similar Part No. - HMC327MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC327MS8G HITTITE-HMC327MS8G Datasheet
262Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
HMC327MS8G HITTITE-HMC327MS8G Datasheet
268Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC327MS8GE AD-HMC327MS8GE Datasheet
328Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC327MS8G HITTITE-HMC327MS8G_07 Datasheet
268Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 3.0 - 4.0 GHz
More results

Similar Description - HMC327MS8G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
   GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
   GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com