Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324D Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM324D
Description  QUAD OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM324D Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM324D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM324D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QUAD OPERATIONAL AMPLIFIERS
LM324
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINIED)
TYPICAL APPLICATIONS
HTC
- 4 -
-
V0
+
VIN
RIN
V+
2
V+
2
4
8
V+
SINGLE SUPPLY INVERTING AMPLIFIER
+
V0
-
VIN
4
8
V+
V+
RF
10K
10K
INPUT BIASING VOLTAGE POLLOWER
+
V0
-
VIN
4
8
V+
V+
10K
10K
NON-INVERTING AMPLIFIER
RI
RF
BLOCKS
DC
GAIN
TA-TEMPERATURE(℃)
-55
-15
45
125
30
50
90
INPUT CURRENT
f-FREQUENCY(㎐)
0
10
10K
100K
40
80
120
COMMON-MODE REJECTION RATIO
0
10
20
40
60
70
80
-35
5
25
65
85 105
V
+=+30V
DC
V
+=+15V
DC
V
+=+5V
DC
VCM=0VDC
20
60
100
1K
1M
-
+
VIN
7.5VDC
+
V0
+7.5V
DC
100K
100
100
100K
t-TIME(㎲)
0
1
2
4
250
400
VOLTAGE-FOLLOWER PULSE
RESPONSE (SMALL-SIGNAL)
350
300
3
V
+=30V
DC
TA=+25℃
7
6
450
500
EO
50㎊
eIN
INPUT
OUTPUT
RL
8
55


Similar Part No. - LM324D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM324D PHILIPS-LM324D Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Texas Instruments
LM324D TI-LM324D Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
STMicroelectronics
LM324D STMICROELECTRONICS-LM324D Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Texas Instruments
LM324D TI1-LM324D Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
logo
ON Semiconductor
LM324D ONSEMI-LM324D Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Similar Description - LM324D

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324_11 Datasheet
210Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2011
LM324 UTC-LM324_15 Datasheet
247Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
2014
logo
GTM CORPORATION
GHLM324 GTM-GHLM324 Datasheet
421Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
LM2058 UTC-LM2058 Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com