Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC316MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC316MS8
Description  GaAs MMIC HIGH IP3 DOUBLE-BALANCED MIXER, 1.5 - 3.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC316MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC316MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC316MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC316MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC316MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC316MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC316MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9
9 - 168
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
MxN Spurious Outputs
Input IP3 vs. LO Drive*
Input IP2 vs. LO Drive*
Input IP3 vs.
Temperature @ LO = +17dBm*
Input IP2 vs.
Temperature @ LO = +17 dBm*
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
Input P1dB vs.
Temperature @ LO = +17 dBm
nLO
mRF
0
1234
0xx
-8
3.6
1.1
29
1100
22
44
48
271
72
77
60
85
3
>110
>110
>110
91
91
4
>110
>110
>110
>110
>110
RF = 2.08 GHz @ -10 dBm
LO = 1.9 GHz @ +17 dBm
All values in dBc relative to the IF output power.
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
+15 dBm
+17 dBm
+19 dBm
FREQUENCY (GHz)
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
40
45
50
55
60
65
70
1
1.5
2
2.5
3
3.5
4
+15 dBm
+17 dBm
+19 dBm
FREQUENCY (GHz)
40
45
50
55
60
65
70
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
10
12
14
16
18
20
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
HMC316MS8 / 316MS8E
GaAs MMIC HIGH IP3 DOUBLE-
BALANCED MIXER, 1.5 - 3.8 GHz
v02.0505


Similar Part No. - HMC316MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC316MS8 HITTITE-HMC316MS8 Datasheet
199Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
HMC316MS8 HITTITE-HMC316MS8 Datasheet
294Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.8 GHz
HMC316MS8 HITTITE-HMC316MS8_06 Datasheet
294Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.8 GHz
More results

Similar Description - HMC316MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC316MS8 HITTITE-HMC316MS8_06 Datasheet
294Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.8 GHz
HMC410MS8G HITTITE-HMC410MS8G Datasheet
214Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9.0 - 15.0 GHz
HMC410MS8G HITTITE-HMC410MS8G_10 Datasheet
489Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC410AMS8G HITTITE-HMC410AMS8G Datasheet
588Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC663LC3 HITTITE-HMC663LC3 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 6 - 12 GHz
HMC663LC3 HITTITE-HMC663LC3_10 Datasheet
524Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 Mixer, 6 - 12 GHz
logo
Analog Devices
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
   1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC13MS8 HITTITE-HMC13MS8 Datasheet
192Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC316MS8 HITTITE-HMC316MS8 Datasheet
199Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com