Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC311SC70 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC311SC70
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC311SC70 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC311SC70 Datasheet HTML 1Page - Hittite Microwave Corporation HMC311SC70 Datasheet HTML 2Page - Hittite Microwave Corporation HMC311SC70 Datasheet HTML 3Page - Hittite Microwave Corporation HMC311SC70 Datasheet HTML 4Page - Hittite Microwave Corporation HMC311SC70 Datasheet HTML 5Page - Hittite Microwave Corporation HMC311SC70 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 14
HMC311SC70 / 311SC70E
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 8 GHz
v02.1108
General Description
Features
Functional Diagram
The HMC311SC70(E) is a GaAs InGaP Heterojunction
Bipolar Transistor (HBT) Gain Block MMIC SMT
DC to 8 GHz amplifier. Packaged in an industry
standard SC70, the amplifier can be used as either
a cascadable 50 Ohm gain stage or to drive the LO
port of HMC mixers with up to +15 dBm output power.
The HMC311SC70(E) offers 15 dB of gain and an
output IP3 of +30 dBm while requiring only 54 mA
from a +5V supply. The Darlington topology results in
reduced sensitivity to normal process variations, and
yields excellent gain stability over temperature while
requiring
a
minimal
number
of
external
bias
components.
P1dB Output Power: +15 dBm
Output IP3: +30 dBm
Gain: 15 dB
Cascadable, 50 Ohm I/O’s
Single Supply: +5V
Industry Standard SC70 Package
Typical Applications
The HMC311SC70(E) is ideal for:
• Cellular / PCS / 3G
• WiBro / WiMAX / 4G
• Fixed Wireless & WLAN
• CATV & Cable Modem
• Microwave Radio & Test Equipment
Electrical Specifications, Vs= 5V, Rbias= 22 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 4.0 GHz
4.0 - 6.0 GHz
6.0 - 8.0 GHz
14.0
13.0
12.5
11.0
15.0
15.0
14.5
13.0
dB
dB
dB
dB
Gain Variation Over Temperature
DC - 1.0 GHz
1.0 - 4.0 GHz
4.0 - 6.0 GHz
6.0 - 8.0 GHz
0.004
0.007
0.012
0.018
0.007
0.012
0.016
0.022
dB/ °C
dB/ °C
dB/ °C
Return Loss Input / Output
DC - 8.0 GHz
15
dB
Reverse Isolation
DC - 8.0 GHz
18
dB
Output Power for 1 dB Compression (P1dB)
DC - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 6.0 GHz
6.0 - 8.0 GHz
13.5
12.0
10.0
8.0
15.5
15.0
13.0
11.0
dBm
dBm
dBm
dBm
Output Third Order Intercept (IP3)
DC - 2.0 GHz
2.0 - 6.0 GHz
6.0 - 8.0 GHz
30
27
24
dBm
dBm
dBm
Noise Figure
DC - 8.0 GHz
5
dB
Supply Current (Icq)
55
74
mA
Note: Data taken with broadband bias tee on device output.


Similar Part No. - HMC311SC70

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC311SC70 HITTITE-HMC311SC70 Datasheet
306Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Analog Devices
HMC311SC70 AD-HMC311SC70 Datasheet
394Kb / 6P
   Industry Standard SC70 Package
HMC311SC70 AD-HMC311SC70 Datasheet
314Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC311SC70E HITTITE-HMC311SC70E Datasheet
306Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Analog Devices
HMC311SC70E AD-HMC311SC70E Datasheet
394Kb / 6P
   Industry Standard SC70 Package
More results

Similar Description - HMC311SC70

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396_07 Datasheet
199Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC311SC70 HITTITE-HMC311SC70 Datasheet
306Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Analog Devices
HMC311SC70 AD-HMC311SC70_17 Datasheet
314Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com