Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC290 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC290
Description  2 dB LSB GaAs MMIC 2-BIT DIGITAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC290 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC290 Datasheet HTML 1Page - Hittite Microwave Corporation HMC290 Datasheet HTML 2Page - Hittite Microwave Corporation HMC290 Datasheet HTML 3Page - Hittite Microwave Corporation HMC290 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 39
Application Circuit
DC blocking capacitors C1 & C2 are required on RF1 &
RF2. Choose C1 = C2 = 100 ~ 300 pF to allow lowest
customer specific frequency to pass with minimal loss.
R1 = 5K Ohm is required to supply voltage to the circuit
through either PIN 3 or PIN 1.
HMC290 / 290E
2 dB LSB GaAs MMIC 2-BIT DIGITAL
ATTENUATOR, 0.7 - 4.0 GHz
v01.0605
The circuit board used in the final application should
use RF circuit design techniques.
Signal lines
should have 50 ohm impedance while the pack-
age ground leads should be connected directly to
the ground plane similar to that shown. A sufficient
number of via holes should be used to connect the
top and bottom ground planes. The evaluation cir-
cuit board as shown is available from Hittite Micro-
wave Corporation upon request.
List of Materials for Evaluation PCB 103372 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 - J6
DC Pin
R1
5k Ohm Resistor, 0402 Chip
R2, R3
100 Ohm Resistor, 0402 Chip
C1, C2
0402 Chip Capacitor, Select for Lowest
Frequency of Operation
U1
HMC290 / HMC290E Digital Attenuator
PCB [2]
103370 Evaluation PCB 1.5” x 1.5”
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Evaluation Circuit Board
* R2 = R3 = 100 Ohm.
These resistors are optional
and may be used to enhance
decoupling of the RF path
from the control inputs.


Similar Part No. - HMC290

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC290 HITTITE-HMC290 Datasheet
241Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
More results

Similar Description - HMC290

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC939LP4 HITTITE-HMC939LP4 Datasheet
712Kb / 8P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL 1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC467LP3 HITTITE-HMC467LP3_08 Datasheet
206Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC467LP3 HITTITE-HMC467LP3 Datasheet
203Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
HMC291 HITTITE-HMC291_06 Datasheet
274Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com