Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC277MS8E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC277MS8E
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC277MS8E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC277MS8E Datasheet HTML 1Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 2Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 3Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 4Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 5Page - Hittite Microwave Corporation HMC277MS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 128
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Functional Diagram
Features
Passive Topology
LO / RF Isolation: 26 dB
Input IP3: +21 dBm
Low Conversion Loss: 9 dB
RoHS Compliant MSOP-8 Package
Electrical Specifications, T
A = +25° C, LO = +13 dBm, IF = 100 MHz*
Typical Applications
The HMC277MS8 / HMC277MS8E is ideal for:
• Cellular / 3G Infrastructure
• Basestations & Repeaters
• GSM, CDMA & WCDMA
• Subscribers & Portables
General Description
The HMC277MS8 & HMC277MS8E are general
purpose single balanced mixers in 8 lead plastic
surface mount Mini Small Outline Packages (MSOP).
This passive MMIC mixer is constructed of GaAs
Schottky diodes and a novel planar transformer balun
on the chip. The HMC277MS8(E) requires no external
matching components, and is ideal for upconverter
and downconverter applications. The RF port is
balanced via the MMIC balun while the LO port is
connected directly to the diodes. This product is pin
for pin compatible with the HMC272MS8(E) which
operates from 1.7 to 3.0 GHz.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
0.7 - 1.2
GHz
Frequency Range, IF
DC - 0.3
GHz
Conversion Loss
910.5
dB
Noise Figure (SSB)
910.5
dB
LO to RF Isolation
20
26
dB
LO to IF Isolation
812
dB
IP3 (Input)
17
21
dBm
1 dB Compression (Input)
9
12
dBm
*Unless otherwise noted, all measurements performed as a downconverter with low side LO.
HMC277MS8 / 277MS8E
GaAs MMIC SMT SINGLE
BALANCED MIXER, 0.7 - 1.2 GHz
v00.0906


Similar Part No. - HMC277MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC277MS8 HITTITE-HMC277MS8 Datasheet
253Kb / 6P
   GaAs MMIC SMT SINGLE GaAs MMIC SMT SINGLE
HMC277MS8 HITTITE-HMC277MS8_06 Datasheet
253Kb / 6P
   GaAs MMIC SMT SINGLE GaAs MMIC SMT SINGLE
More results

Similar Description - HMC277MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC350MS8 HITTITE-HMC350MS8_10 Datasheet
188Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE BALANCED MIXER, 0.6 - 1.2 GHz
HMC272MS8 HITTITE-HMC272MS8_01 Datasheet
169Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com