Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP565MN30T2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP565MN30T2G
Description  1.5 A Low Dropout Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565MN30T2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP565MN30T2G Datasheet HTML 4Page - ON Semiconductor NCP565MN30T2G Datasheet HTML 5Page - ON Semiconductor NCP565MN30T2G Datasheet HTML 6Page - ON Semiconductor NCP565MN30T2G Datasheet HTML 7Page - ON Semiconductor NCP565MN30T2G Datasheet HTML 8Page - ON Semiconductor NCP565MN30T2G Datasheet HTML 9Page - ON Semiconductor NCP565MN30T2G Datasheet HTML 10Page - ON Semiconductor NCP565MN30T2G Datasheet HTML 11Page - ON Semiconductor NCP565MN30T2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NCP565/NCV565
http://onsemi.com
8
APPLICATION INFORMATION
The NCP565 low dropout linear regulator provides
adjustable voltages at currents up to 1.5 A. It features ultra
fast transient response and low dropout voltage. These
devices contain output current limiting, short circuit
protection and thermal shutdown protection.
Input, Output Capacitor and Stability
An input bypass capacitor is recommended to improve
transient response or if the regulator is located more than a
few inches from the power source. This will reduce the
circuit’s sensitivity to the input line impedance at high
frequencies and significantly enhance the output transient
response. Different types and different sizes of input
capacitors can be chosen dependent on the quality of power
supply. A 150
mF OSCON 16SA150M type from Sanyo
should be adequate for most applications. The bypass
capacitor should be mounted with shortest possible lead or
track length directly across the regulator’s input terminals.
The output capacitor is required for stability. The NCP565
remains stable with ceramic, tantalum, and aluminum−
electrolytic capacitors with a minimum value of 1.0
mF with
ESR between 50 m
W and 2.5 W. The NCP565 is optimized
for use with a 150
mF OSCON 16SA150M type in parallel
with a 10
mF OSCON 10SL10M type from Sanyo. The
10
mF capacitor is used for best AC stability while 150 mF
capacitor is used for achieving excellent output transient
response. The output capacitors should be placed as close as
possible to the output pin of the device. If not, the excellent
load transient response of NCP565 will be degraded.
Adjustable Operation
The typical application circuit for the adjustable output
regulators is shown in Figure 2. The adjustable device
develops and maintains the nominal 0.9 V reference voltage
between Adj and ground pins. A resistor divider network R1
and R2 causes a fixed current to flow to ground. This current
creates a voltage across R1 that adds to the 0.9 V across R2
and sets the overall output voltage.
The output voltage is set according to the formula:
Vout + Vref
R1 ) R2
R2
* IAdj
R2
The adjust pin current, IAdj, is typically 30 nA and
normally much lower than the current flowing through R1
and R2, thus it generates a small output voltage error that can
usually be ignored.
Load Transient Measurement
Large load current changes are always presented in
microprocessor applications. Therefore good load transient
performance is required for the power stage. NCP565 has
the feature of ultra fast transient response. Its load transient
responses in Figures 13 through 16 are tested on evaluation
board shown in Figure 19. On the evaluation board, it
consists of NCP565 regulator circuit with decoupling and
filter capacitors and the pulse controlled current sink to
obtain load current transitions. The load current transitions
are measured by current probe. Because the signal from
current probe has some time delay, it causes
un−synchronization between the load current transition and
output voltage response, which is shown in Figures 13
through 16.
NCP565
Evaluation Board
GEN
GND
V
RL
GND
Scope Voltage Probe
+
+
Pulse
Figure 19. Schematic for Transient Response Measurement
Vout
−VCC
Vin


Similar Part No. - NCP565MN30T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565MN33T2G ONSEMI-NCP565MN33T2G Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCP565MN30T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com