Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP565ST12T3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP565ST12T3G
Description  1.5 A Low Dropout Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565ST12T3G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP565ST12T3G Datasheet HTML 1Page - ON Semiconductor NCP565ST12T3G Datasheet HTML 2Page - ON Semiconductor NCP565ST12T3G Datasheet HTML 3Page - ON Semiconductor NCP565ST12T3G Datasheet HTML 4Page - ON Semiconductor NCP565ST12T3G Datasheet HTML 5Page - ON Semiconductor NCP565ST12T3G Datasheet HTML 6Page - ON Semiconductor NCP565ST12T3G Datasheet HTML 7Page - ON Semiconductor NCP565ST12T3G Datasheet HTML 8Page - ON Semiconductor NCP565ST12T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCP565/NCV565
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 5. Output Voltage vs. Temperature
0.9005
0.9000
0.8995
0.8990
0.8985
0.8980
0.8975
0.8970
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
3.80
3.70
3.60
3.50
3.40
3.30
3.20
3.10
3.00
1.2
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
1.0
0.8
0.6
0.4
0.2
0
Iout = 1.5 A
Iout = 50 mA
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
1.55
1.50
1.45
1.40
1.35
1.30
−25
25
75
125
−25
25
75
125
−25
25
75
125
−25
25
75
125
Vin = 2.5 V
Vout(nom) = 0.9 V
Iout = 1.5 A
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.80
0
300
600
900
1200
1500
Iout, OUTPUT CURRENT (mA)
Figure 6. Output Voltage vs. Temperature
3.302
3.300
3.298
3.296
3.294
3.292
3.290
3.288
−50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
−25
25
75
125
Vin = 4.9 V
Vout(nom) = 3.3 V
Figure 7. Short Circuit Current Limit
vs. Temperature
Figure 8. Dropout Voltage vs. Temperature
Figure 9. Ground Current vs. Temperature
Figure 10. Ground Current vs. Output Current
1.60


Similar Part No. - NCP565ST12T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565ST12T3G ONSEMI-NCP565ST12T3G Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCP565ST12T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com