Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4589DSN12T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4589DSN12T1G
Description  300 mA, Tri-Mode, LDO Linear Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4589DSN12T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4589DSN12T1G Datasheet HTML 1Page - ON Semiconductor NCP4589DSN12T1G Datasheet HTML 2Page - ON Semiconductor NCP4589DSN12T1G Datasheet HTML 3Page - ON Semiconductor NCP4589DSN12T1G Datasheet HTML 4Page - ON Semiconductor NCP4589DSN12T1G Datasheet HTML 5Page - ON Semiconductor NCP4589DSN12T1G Datasheet HTML 6Page - ON Semiconductor NCP4589DSN12T1G Datasheet HTML 7Page - ON Semiconductor NCP4589DSN12T1G Datasheet HTML 8Page - ON Semiconductor NCP4589DSN12T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
NCP4589
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V; IOUT = 1 mA; CIN = COUT = 1 mF; unless otherwise noted. Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
(Note NO TAG)
VIN
1.4
5.25
V
Output Voltage (Fast Mode)
TA = +25°C,
IOUT = 5 mA
VOUT > 2 V
VOUT
x0.99
x1.01
V
VOUT ≤ 2 V
−20
20
mV
−40°C ≤ TA ≤ 85°C,
IOUT = 5 mA
VOUT > 2 V
x0.975
x1.015
V
VOUT ≤ 2 V
−50
30
mV
Output Voltage Temp.
Coefficient
TA = −40 to 85°C
±50
ppm/°C
Line Regulation
VIN = VOUT + 0.5 V to
5 V
VIN ≥ 1.4 V
IOUT = 1 mA,
(Low Power Mode)
LineReg
0.50
%/V
IOUT = 10 mA,
(Fast Mode)
0.02
0.20
Load Regulation
IOUT = 1 mA to 10 mA
VOUT > 2.0 V
LineReg
−1.0
1.0
%
VOUT ≤ 2.0 V
−20
20
mV
IOUT = 10 mA to 300 mA
35
80
mV
Dropout Voltage
IOUT = 300 mA
0.8 V ≤ VOUT < 0.9 V
VDO
0.62
0.85
V
0.9 V ≤ VOUT < 1.0 V
0.55
0.78
1.0 V ≤ VOUT < 1.5 V
0.48
0.70
1.5 V ≤ VOUT < 2.6 V
0.34
0.50
2.6 V ≤ VOUT < 4.0 V
0.23
0.35
Output Current
IOUT
300
mA
Short Current Limit
VOUT = 0 V
ISC
50
mA
Quiescent Current
IOUT = 0 mA, Low
Power Mode (Note 3)
VOUT ≤ 1.85 V
IQ
1.0
4.0
mA
VOUT > 1.85 V
1.5
4.0
Supply Current
IOUT = 10 mA, Fast Mode
IGND
55
mA
Standby Current
VCE = 0 V, TA = 25°C
ISTB
0.1
1
mA
Fast Mode Switch−Over Current
IOUT = light to heavy load
IOUTH
8.0
mA
Low Power Switch−Over
Current
IOUT = heavy to light load
IOUTL
1.0
2.0
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
CE Pull Down Current
ICEPD
0.1
mA
AE Pin Threshold Voltage
AE Input Voltage “H”
VAEH
1.0
V
AE Input Voltage “L”
VAEL
0.4
3. The value of supply current is excluding the Pull−down constant current of CE and AE Pin


Similar Part No. - NCP4589DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586DMU12TCG ONSEMI-NCP4586DMU12TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586DMU14TCG ONSEMI-NCP4586DMU14TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586DMU15TCG ONSEMI-NCP4586DMU15TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results

Similar Description - NCP4589DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com