Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP565 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP565
Description  1.5 A Low Dropout Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP565 Datasheet HTML 2Page - ON Semiconductor NCP565 Datasheet HTML 3Page - ON Semiconductor NCP565 Datasheet HTML 4Page - ON Semiconductor NCP565 Datasheet HTML 5Page - ON Semiconductor NCP565 Datasheet HTML 6Page - ON Semiconductor NCP565 Datasheet HTML 7Page - ON Semiconductor NCP565 Datasheet HTML 8Page - ON Semiconductor NCP565 Datasheet HTML 9Page - ON Semiconductor NCP565 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP565/NCV565
http://onsemi.com
6
TYPICAL CHARACTERISTICS
100
90
80
70
60
50
40
30
20
10
0
10
1000000
F, FREQUENCY (Hz)
100
1000
10000
100000
Iout = 1.5 A
Figure 11. Ripple Rejection vs. Frequency
Figure 12. Output Capacitor ESR Stability vs.
Output Current
250
0
750
500
1000
1500
1250
1
10
100
1000
OUTPUT CURRENT (mA)
Cout = 10 mF
Stable
Unstable
Vout = 3.3 V
50
40
30
20
10
0
1.50
1.00
0.50
0
0
50
150
200
250
300
350
400
TIME (nS)
10
0
−10
−20
−30
−40
1.50
1.00
0.50
00
50
100
150 200
250 300
350
400
TIME (nS)
Figure 13. Load Transient from 10 mA to 1.5 A
10
0
−10
−20
−30
−40
1.50
1.00
0.50
00
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (ms)
Figure 14. Load Transient from 10 mA to 1.5 A
Figure 15. Load Transient from 1.5 A to 10 mA
50
40
30
20
10
0
1.50
1.00
0.50
00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TIME (ms)
Figure 16. Load Transient from 1.5 A to 10 mA
Vin = 4.59 V
Vout = 0.9 V
Vin = 4.59 V
Vout = 0.9 V
Vin = 4.59 V
Vout = 0.9 V
Vin = 4.59 V
Vout = 0.9 V
100
−50


Similar Part No. - NCP565

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP565 ONSEMI-NCP565 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP565D2T ONSEMI-NCP565D2T Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565D2T ONSEMI-NCP565D2T Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCP565

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com