Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNQ5E160K-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNQ5E160K-E
Description  Quad channel high side driver for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5E160K-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNQ5E160K-E Datasheet HTML 7Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 8Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 9Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 10Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 11Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 12Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 13Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 14Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
VNQ5E160K-E
Electrical specifications
Doc ID 14471 Rev 3
11/34
IL(off2)
Off-state output
current(1)
VIN= 0V; VOUT= 4V
(see Section 3.4: Open-load
detection in off-state)
-75
0
µA
td_vol
Delay response from
output rising edge to
STATUS falling edge in
open load
VIN= 0V; VOUT= 4V
20
µs
1.
For each channel.
Table 10.
Logic input
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level
0.9
V
IIL
Low level input current
VIN = 0.9V
1
µA
VIH
Input high level
2.1
V
IIH
High level input current
VIN = 2.1V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN = 1mA
IIN = -1mA
5.5
-0.7
7V
V
VSDL
STAT_DIS low level voltage
0.9
V
ISDL
Low level STAT_DIS current
VSD=0.9V
1
µA
VSDH
STAT_DIS high level voltage
2.1
V
ISDH
High level STAT_DIS current
VSD=2.1V
10
µA
VSD(hyst) STAT_DIS hysteresis voltage
0.25
V
VSDCL
STAT_DIS clamp voltage
ISD=1mA
ISD=-1mA
5.5
-0.7
7V
V
Table 9.
Openload detection (8V<VCC<18V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VNQ5E160K-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
More results

Similar Description - VNQ5E160K-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E050K-E STMICROELECTRONICS-VNQ5E050K-E Datasheet
602Kb / 34P
   Quad channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5027AK-E STMICROELECTRONICS-VNQ5027AK-E Datasheet
449Kb / 31P
   Quad channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com