Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC260 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC260
Description  GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC260 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC260 Datasheet HTML 1Page - Hittite Microwave Corporation HMC260 Datasheet HTML 2Page - Hittite Microwave Corporation HMC260 Datasheet HTML 3Page - Hittite Microwave Corporation HMC260 Datasheet HTML 4Page - Hittite Microwave Corporation HMC260 Datasheet HTML 5Page - Hittite Microwave Corporation HMC260 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
4 - 39
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
RF / IF Input
+15 dBm
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
IF DC Current
±4 mA
ESD Sensitivity (HBM)
Class 1A
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. DIE THICKNESS IS .004”.
3. TYPICAL BOND PAD IS .004” SQUARE.
4. BOND PAD SPACING CENTER TO CENTER IS .006”.
5. BACKSIDE METALLIZATION: GOLD.
6. BOND PAD METALLIZATION: GOLD.
7. BACKSIDE METAL IS GROUND.
8. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
Die Packaging Information [1]
Standard
Alternate
GP-5 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC260
v04.1007
GaAs MMIC FUNDAMENTAL
MIXER, 14 - 26 GHz


Similar Part No. - HMC260

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
logo
Micross Components
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
   Point-to-Multi-Point Radios
logo
Analog Devices
HMC260A AD-HMC260A Datasheet
295Kb / 16P
   10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
HMC260A-SX AD-HMC260A-SX Datasheet
295Kb / 16P
   10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
   10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
More results

Similar Description - HMC260

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B_09 Datasheet
193Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC773 HITTITE-HMC773 Datasheet
244Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B_09 Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com