Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC258LM3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC258LM3
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC258LM3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC258LM3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC258LM3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC258LM3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC258LM3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC258LM3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC258LM3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC258LM3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC258LM3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8
8 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
MxN Spurious Outputs@ LO = 0 dBm
Upconverter Performance
Conversion Gain @ LO = 0 dBm
Input IP3 vs. LO Drive *
Input IP2 vs. LO Drive *
Input P1dB
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
nLO
mRF
±5
±4
±3
±2
±1
0
-3
-2
45
-1
69
26
50
058
15
34
-16
1X
52
9
251
35
82
54
68
374
68
82
RF = 18 GHz @ -10 dBm
LO = 8.5 GHz @ 0 dBm
All values in dBc below IF power level.
HMC258LM3
GaAs MMIC SUB-HARMONIC
SMT MIXER, 14 - 20 GHz
v01.1201
-10
-5
0
5
10
15
20
13
15
17
19
21
23
-2 dBm
0 dBm
+2 dBm
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
13
14
15
16
17
18
19
20
21
RF FREQUENCY (GHz)
-4
-2
0
2
4
6
14
15
16
17
18
19
20
21
22
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
13
15
17
19
21
23
-2 dBm
0 dBm
+2 dBm
RF FREQUENCY (GHz)


Similar Part No. - HMC258LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC258LM3 HITTITE-HMC258LM3 Datasheet
261Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC258LM3 HITTITE-HMC258LM3 Datasheet
313Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC258LM3 HITTITE-HMC258LM3_06 Datasheet
313Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
More results

Similar Description - HMC258LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC258LM3 HITTITE-HMC258LM3_06 Datasheet
313Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC258LM3 HITTITE-HMC258LM3 Datasheet
261Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
341Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC264LM3 HITTITE-HMC264LM3_08 Datasheet
274Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3_06 Datasheet
354Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LM3 AD-HMC264LM3 Datasheet
409Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3_06 Datasheet
394Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com