Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC258LC3B Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC258LC3B
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC258LC3B Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC258LC3B_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC258LC3B_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC258LC3B_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC258LC3B_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC258LC3B_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC258LC3B_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
8 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 4, 6,
10, 12
GND
Must be soldered to PCB RF ground.
2IF
IF Port. This pin is DC coupled and should be DC blocked
externally using a series capacitor whose value has been
chosen to pass the necessary IF frequency range. Any applied
DC voltage to this pin will result in die non-function and pos-
sible die failure.
3Vdd
Power Supply for the LO Amplifier. An external RF bypass
capacitor of 100 - 330 pF is required as close to the package
as possible.
5
LO
LO Port. This pin is AC coupled and matched to 50 Ohms.
7 - 9
N/C
This pin may be connected to the housing
ground or left unconnected.
11
RF
RF Port. This pin is AC coupled and matched to 50 Ohms.
Pin Description
HMC258LC3B
v02.1208
GaAs MMIC SUB-HARMONIC
SMT MIXER, 14.5 - 19.5 GHz


Similar Part No. - HMC258LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC258LC3B HITTITE-HMC258LC3B Datasheet
217Kb / 6P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
More results

Similar Description - HMC258LC3B_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC258LC3B HITTITE-HMC258LC3B Datasheet
217Kb / 6P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
341Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC264LM3 HITTITE-HMC264LM3_08 Datasheet
274Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC258LM3 HITTITE-HMC258LM3_08 Datasheet
223Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
logo
Analog Devices
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com