Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC240A Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC240A
Description  GaAs MMIC SPDT SWITCH DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC240A Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC240A Datasheet HTML 1Page - Hittite Microwave Corporation HMC240A Datasheet HTML 2Page - Hittite Microwave Corporation HMC240A Datasheet HTML 3Page - Hittite Microwave Corporation HMC240A Datasheet HTML 4Page - Hittite Microwave Corporation HMC240A Datasheet HTML 5Page - Hittite Microwave Corporation HMC240A Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7
7 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Outline Drawing
NOteS:
1. DiMeNSiONS iN iNcheS [MiLLiMeteRS].
2. Die thicKNeSS iS 0.005”.
3. tYpicAL BOND pAD iS 0.004” SQUARe.
4. tYpicAL BOND pAD SpAciNG iS 0.006” ceNteR tO ceNteR.
5. BOND pAD MetALLiZAtiON: GOLD.
6. pADS 4 AND 6 MUSt Be cONNecteD tO RF/Dc GROUND.
Pad Descriptions
pad Number
Function
Description
interface Schematic
1, 7
A, A (alt.)
See truth table and control voltage table.
connect either pad 1 or pad 7 to control logic input.
2, 5, 8
RF1, RFc, RF2
these pads are Dc coupled and matched to 50 Ohms.
Blocking capacitors are required.
3, 9
B, B (alt.)
See truth table and control voltage table.
connect either pad 3 or pad 9 to control logic input.
4, 6
Ac GND
Must be connected to RF/Dc ground.
Die Packaging Information [1]
Standard
Alternate
Gp-5 (Gel-pak®)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC240A
v00.0211
GaAs MMIC SPDT SWITCH
DC - 4 GHz


Similar Part No. - HMC240A

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
   Telecom Infrastructure
More results

Similar Description - HMC240A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
Stanford Microdevices
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
   DC-4 GHz High Isolation GaAs MMIC SPDT Switch
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
   DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
SSW-408 STANFORD-SSW-408 Datasheet
104Kb / 2P
   DC-4 GHz High Power GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com