Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFT800D Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # UFT800D
Description  Superfast Efficient Rectifiers - Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

UFT800D Datasheet(HTML) 2 Page - Diotec Semiconductor

  UFT800D Datasheet HTML 1Page - Diotec Semiconductor UFT800D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UFT800A ... UFT800J
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
Reverse recovery time
Sperrverzugszeit
Tj = 25°C
trr [ns] 1)
trr [ns] 2)
UFT800A ... UFT800D
< 25
< 35
UFT800F ... UFT800J
< 35
< 45
Leakage current
Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 10 µA
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 2.5 K/W
1
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
IF = 1.0 A, di/dt = -50 A/µs, VR = 30 V
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the case
in Abh. v. d. Gehäusetemperatur
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
C
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
200a-(5a-0.95v)


Similar Part No. - UFT800D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
UFT800D DIOTEC-UFT800D Datasheet
130Kb / 2P
   Superfast Efficient Rectifiers . Single Diode
UFT800D DIOTEC-UFT800D Datasheet
168Kb / 2P
   Superfast Efficient Rectifier Diodes
More results

Similar Description - UFT800D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
UGB8AT DIOTEC-UGB8AT_12 Datasheet
123Kb / 2P
   Superfast Efficient Rectifiers - Single Diode
UFT800A DIOTEC-UFT800A_13 Datasheet
130Kb / 2P
   Superfast Efficient Rectifiers . Single Diode
FT2000AA DIOTEC-FT2000AA_10 Datasheet
123Kb / 2P
   Superfast Silicon Rectifiers - Single Diode / Two Polarities
FR20AAD2 DIOTEC-FR20AAD2 Datasheet
134Kb / 2P
   Superfast Silicon Rectifiers ??Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_15 Datasheet
124Kb / 2P
   Superfast Silicon Rectifiers-Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_13 Datasheet
124Kb / 2P
   Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA Datasheet
114Kb / 2P
   Superfast Silicon Rectifiers - Single Diode / Two Polarities
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420 DIOTEC-MUR420_17 Datasheet
149Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420 DIOTEC-MUR420_16 Datasheet
135Kb / 2P
   Superfast Efficient Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com