Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK2030YD2 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SK2030YD2
Description  Surface Mount Schottky Rectifiers ??Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK2030YD2 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SK2030YD2 Datasheet HTML 1Page - Diotec Semiconductor SK2030YD2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK2020YD2 ... SK2045YD2
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the case
in Abh. v. d. Temp. des Gehäuses
Zul. Richtstrom
[°C]
T
C
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
T = 125°C
j
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
T = 25°C
j
10
10
1
10
2
1
-2
10-1
[mA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 100°C
j
T = 125°C
j
T = 75°C
j
T = 50°C
j
T = 150°C
j
[pF]
[V]
C
j
V
R
T = 25°C
f = 1.0 MHz
j
Junction capacitance vs. reverse voltage (typical)
Sperrschichtkapazität in Abh. v.d. Sperrspg. (typ.)
Peak forward surge current versus number of cycles at 50 Hz
Durchlass-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
3
2
[A]
î
F
1
10
10
[n]
10
2
3


Similar Part No. - SK2030YD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK2030YD2 DIOTEC-SK2030YD2 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers . Single Diode
SK2030YD2 DIOTEC-SK2030YD2 Datasheet
176Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SK2030YD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK2020YD2 DIOTEC-SK2020YD2_13 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers . Single Diode
SK1020D2 DIOTEC-SK1020D2_12 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1520YD2 DIOTEC-SK1520YD2 Datasheet
136Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com