Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC230MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC230MS8
Description  4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC230MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC230MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC230MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
5 - 11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
Control Voltage (V1, V2, V3)
Vdd to +0.5 Vdc
Bias Voltage (Vdd)
+8.0 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
RF Input Power (0.75 - 2 GHz)
+26 dBm
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC230MS8
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H230
XXXX
HMC230MS8E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H230
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC230MS8 / 230MS8E
v02.0505
4 dB LSB GaAs IC 3-BIT DIGITAL
ATTENUATOR, 0.75 - 2.0 GHz
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.


Similar Part No. - HMC230MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC230MS8 HITTITE-HMC230MS8 Datasheet
149Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8 Datasheet
224Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_06 Datasheet
224Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
More results

Similar Description - HMC230MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC230MS8 HITTITE-HMC230MS8 Datasheet
149Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_06 Datasheet
224Kb / 6P
   4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
   GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
logo
Hittite Microwave Corpo...
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
   3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
logo
Hittite Microwave Corpo...
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
   1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
logo
Analog Devices
HMC629ALP4E AD-HMC629ALP4E Datasheet
1Mb / 9P
   3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 10GHz
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com