Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1020PQ Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK1020PQ
Description  Surface Mount Schottky Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK1020PQ Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK1020PQ Datasheet HTML 1Page - Diotec Semiconductor SK1020PQ Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK1020PQ ... SK10100PQ
SK1020PQ ... SK10100PQ
Surface Mount Schottky Rectifier Diodes
Schottky-Gleichrichterdioden für die Oberflächenmontage
Version 2010-03-30
Dimensions - Maße [mm]
Nominal Current – Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case – Kunststoffgehäuse
PowerQFN 5x6
5.0 x 6.0 x 1.0 [mm]
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ 1)
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] 2) 3)
IF = 5 A
IF = 10 A
SK1020PQ
20
20
< 0.45
< 0.55
SK1030PQ
30
30
< 0.45
< 0.55
SK1040PQ
40
40
< 0.45
< 0.55
SK1045PQ
45
45
< 0.45
< 0.55
SK1050PQ
50
50
< 0.61
< 0.68
SK1060PQ
60
60
< 0.61
< 0.68
SK1080PQ
80
80
< 0.75
< 0.83
SK10100PQ
100
100
< 0.75
< 0.83
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
10A 2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
20 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
100/110 A 2)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
50 A2s 2)
Junction temperature – Sperrschichttemperatur
... in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Storage temperature – Lagerungstemperatur
Tj
Tj
TS
-50...+150°C
≤ 200°C
-50...+175°C
1
50 V to 100 V types on request – 50 V bis 100 V Ausführung auf Anfrage
2
Tj = 25°C
3
Both anode pins connected – Beide Anodenanschlüsse kontaktiert
© Diotec Semiconductor AG
http://www.diotec.com/
1
5.0±0.2
Type
Typ
1.0±0.1
4.1±0.1
1.82
0.89
0.64


Similar Part No. - SK1020PQ

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SK1020P DYELEC-SK1020P Datasheet
2Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SK1020PM DIOTEC-SK1020PM Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers
More results

Similar Description - SK1020PQ

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SGL34-20 DIOTEC-SGL34-20_11 Datasheet
101Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_13 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com