Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR24220 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMR24220
Description  SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMR24220 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMR24220 Datasheet HTML 4Page - National Semiconductor (TI) LMR24220 Datasheet HTML 5Page - National Semiconductor (TI) LMR24220 Datasheet HTML 6Page - National Semiconductor (TI) LMR24220 Datasheet HTML 7Page - National Semiconductor (TI) LMR24220 Datasheet HTML 8Page - National Semiconductor (TI) LMR24220 Datasheet HTML 9Page - National Semiconductor (TI) LMR24220 Datasheet HTML 10Page - National Semiconductor (TI) LMR24220 Datasheet HTML 11Page - National Semiconductor (TI) LMR24220 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
//htmlimg2.alldatasheet.com/htmldatasheet2/435196/NSC/LMR24220/482/8/LMR24220.png


Similar Part No. - LMR24220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR24220 TI1-LMR24220 Datasheet
1Mb / 20P
[Old version datasheet]   LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
LMR24220 TI-LMR24220 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR24220TL TI1-LMR24220TL Datasheet
1Mb / 20P
[Old version datasheet]   LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
LMR24220TL/NOPB TI-LMR24220TL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR24220TLX TI1-LMR24220TLX Datasheet
1Mb / 20P
[Old version datasheet]   LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
More results

Similar Description - LMR24220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR24220 TI1-LMR24220 Datasheet
1Mb / 20P
[Old version datasheet]   LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
National Semiconductor ...
LMR24210 NSC-LMR24210 Datasheet
1Mb / 18P
   SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24210 TI1-LMR24210 Datasheet
1Mb / 20P
[Old version datasheet]   LMR24210 SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
LMR14206 TI1-LMR14206 Datasheet
268Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage SWITCHER짰 42Vin, 0.6A Step-Down Voltage
LMR24220 TI-LMR24220_15 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR10520 TI-LMR10520 Datasheet
438Kb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 2.0A Step-Down Voltage Regulator in LLP
LMR24210 TI-LMR24210_15 Datasheet
1Mb / 25P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com