Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBX2530 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SBX2530
Description  2nd Generation Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBX2530 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SBX2530 Datasheet HTML 1Page - Diotec Semiconductor SBX2530 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SBX2530 ... SBX2550
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 500 µA
typ. 30 mA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 10 K/W 1)
Thermal resistance junction to leads
Wärmewiderstand Sperrschicht – Anschlussdrähte
RthL
< 2.1 K/W 2)
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Measured in 3 mm distance from case – use for bypass diodes test
Gemessen in 3 mm Abstand vom Gehäuse – für Bypass-Diodentest
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
T = 125°C
j
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
T = 25°C
j
10
10
10
10
3
2
-1
1
[mA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 125°C
j
T = 75°C
j
T = 150°C
j


Similar Part No. - SBX2530

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBX2530 DIOTEC-SBX2530 Datasheet
150Kb / 2P
   Schottky Barrier Rectifier Diodes
SBX2530 DIOTEC-SBX2530_18 Datasheet
150Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - SBX2530

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBX3030 DIOTEC-SBX3030 Datasheet
104Kb / 2P
   2nd Generation Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
15SQ045 DIOTEC-15SQ045 Datasheet
119Kb / 2P
   2nd Generation Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SBX2030 DIOTEC-SBX2030 Datasheet
103Kb / 2P
   2nd Generation Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SB1230 DIOTEC-SB1230_11 Datasheet
106Kb / 2P
   Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
20SQ040 DIOTEC-20SQ040 Datasheet
97Kb / 2P
   Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SB1520 DIOTEC-SB1520_11 Datasheet
103Kb / 2P
   Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR8U20SP5 DIODES-SBR8U20SP5 Datasheet
94Kb / 4P
   Designed as Bypass Diodes for Solar Panels
logo
Vishay Siliconix
VBT6045CBP VISHAY-VBT6045CBP Datasheet
83Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 03-Nov-10
VFT3045CBP VISHAY-VFT3045CBP Datasheet
82Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 27-Oct-10
VT1045CBP VISHAY-VT1045CBP Datasheet
122Kb / 4P
   Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
Revision: 26-Oct-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com