Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC208AMS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC208AMS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC208AMS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC208AMS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC208AMS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC208AMS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC208AMS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC208AMS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC208AMS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
0 - 3
HMC208AMS8 / 208AMS8E
v00.0411
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 0.7 - 2.0 GHz
Input IP3 vs.
Temperature @ LO = +13 dBm
Input IP2 vs.
Temperature @ LO = +13 dBm
Input IP3 vs. LO Drive
Input IP2 vs. LO Drive
5
10
15
20
25
30
0.6
0.8
1
1.2
1.4
1.6
1.8
2
+9 dBm
+11 dBm
+13 dBm
LO FREQUENCY (GHz)
20
30
40
50
60
70
0.6
0.8
1
1.2
1.4
1.6
1.8
2
+9 dBm
+11 dBm
+13 dBm
LO FREQUENCY (GHz)
15
17
19
21
23
25
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40 C
+25 C
+85 C
LO FREQUENCY (GHz)
20
30
40
50
60
70
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40 C
+25 C
+85 C
LO FREQUENCY (GHz)


Similar Part No. - HMC208AMS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8 Datasheet
116Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
More results

Similar Description - HMC208AMS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC207S8 HITTITE-HMC207S8 Datasheet
167Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC207S8 HITTITE-HMC207S8_06 Datasheet
239Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8 Datasheet
175Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC208MS8 HITTITE-HMC208MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 0.7 - 2.0 GHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com