Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC204C8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC204C8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC204C8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC204C8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC204C8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 24
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC204C8
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 4 - 8 GHz INPUT
General Description
Features
Functional Diagram
Conversion Loss: 16 dB
Fo, 3Fo, 4Fo Isolation: 40 dB
Passive: No Bias Required
Electrical Specifications, T
A = +25° C, As a Function of Drive Level
Typical Applications
The HMC204C8 is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Point-to-Point Radios
• Test Equipment
The HMC204C8 is a passive miniature frequency
doubler in a non-hermetic surface mount package.
Suppression of undesired fundamental and higher
order harmonics is 40 dB typical with respect to input
signal level. The doubler utilizes the same GaAs
Schottky diode/balun technology found in Hittite
MMIC mixers. It features small size, no DC bias, and
no measurable additive phase noise onto the multi-
plied signal.
Input = +10 dBm
Input = +13 dBm
Input = +15 dBm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
5.5 - 7.5
5.0 - 8.0
4.0 - 8.0
GHz
Frequency Range, Output
11.0 - 15.0
10.0 - 16.0
8.0 - 16.0
GHz
Conversion Loss
16
19
16
19
16
19
dB
FO Isolation
(with respect to input level)
37
41
dB
3FO Isolation
(with respect to input level)
42
46
dB
4FO Isolation
(with respect to input level)
35
40
dB
v04.1105


Similar Part No. - HMC204C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
More results

Similar Description - HMC204C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_08 Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G Datasheet
144Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204 Datasheet
158Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_08 Datasheet
165Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_09 Datasheet
170Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC189MS8 HITTITE-HMC189MS8 Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com