Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC204C8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC204C8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC204C8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC204C8_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC204C8_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC204C8_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC204C8_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC204C8_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC204C8_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7
7 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
Item
Description
J1, J2
PCB Mount SMA Connector
U1
HMC204C8, Doubler
PCB [2]
107165 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines should have 50 ohm imped-
ance while the package ground leads and exposed
paddle should be connected directly to the ground
plane similar to that shown. The evaluation circuit
board shown is available from Hittite upon request.
HMC204C8
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 4 - 8 GHz INPUT
List of Materials for Evaluation PCB 107196 [1]
v04.1105


Similar Part No. - HMC204C8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
More results

Similar Description - HMC204C8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_08 Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G Datasheet
144Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204 Datasheet
158Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_08 Datasheet
165Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_09 Datasheet
170Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC189MS8 HITTITE-HMC189MS8 Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com