Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ11A Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # P6SMBJ11A
Description  Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMBJ11A Datasheet(HTML) 4 Page - Diotec Semiconductor

  P6SMBJ11A Datasheet HTML 1Page - Diotec Semiconductor P6SMBJ11A Datasheet HTML 2Page - Diotec Semiconductor P6SMBJ11A Datasheet HTML 3Page - Diotec Semiconductor P6SMBJ11A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P6SMBJ5.0 ... P6SMBJ170CA
1
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
4
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1
10
10
1
0.1
2
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
[kW]
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)
10/1000µs - pulse waveform
10/1000µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
1
2
3
4
[ms]
[%]
t
P
I /2
PPM
P /2
PPM
t = 10 µs
r
Typ. junction capacitance vs. stand-off voltage
Typ. Sperrschichtkapazität über Sperrspannung
10
100
1000
10000
1
10
100
1000
VWM [V]
Cj [pF]
unidir.
bidir.


Similar Part No. - P6SMBJ11A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ11A PANJIT-P6SMBJ11A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Semikron International
P6SMBJ11A SEMIKRON-P6SMBJ11A Datasheet
239Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
SUNMATE electronic Co.,...
P6SMBJ11A SUNMATE-P6SMBJ11A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Surge Components
P6SMBJ11A SURGE-P6SMBJ11A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Pan Jit International I...
P6SMBJ11A PANJIT-P6SMBJ11A Datasheet
115Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ11A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMC220 DIOTEC-1.5SMC220 Datasheet
77Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0 Datasheet
86Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_07 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_07 Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com