Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC175MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC175MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC175MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC175MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9
9 - 55
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs
Temperature @ LO = +13 dBm
Isolation @ LO = +13 dBm
Conversion Gain vs LO Power
Return Loss @ LO = +13 dBm
IF Bandwidth @ LO = +13 dBm
P1dB vs
Temperature @ LO = +13 dBm
HMC175MS8 / 175MS8E
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.7 - 4.5 GHz
v02.0705
-20
-15
-10
-5
0
1.5
2
2.5
3
3.5
4
4.5
5
+25 C
-40 C
+85 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
LO
RF
IF
FREQUENCY (GHz)
9
10
11
12
13
14
15
16
17
1.5
2
2.5
3
3.5
4
4.5
5
+25C
-40C
+85C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FREQUENCY (GHz)
-20
-15
-10
-5
0
1.5
2
2.5
3
3.5
4
4.5
5
+9 dBm
+10 dBm
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
1.5
2
2.5
3
3.5
4
4.5
5
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)


Similar Part No. - HMC175MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
More results

Similar Description - HMC175MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC168C8 HITTITE-HMC168C8 Datasheet
117Kb / 3P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC218MS8 HITTITE-HMC218MS8_06 Datasheet
223Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC168C8 HITTITE-HMC168C8_06 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC219MS8 HITTITE-HMC219MS8 Datasheet
177Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC219MS8 HITTITE-HMC219MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC218MS8 HITTITE-HMC218MS8_08 Datasheet
176Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED BALANCED MIXER, 4.5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com