Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPB1810 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CSPB1810
Description  SMD Piezo Buzzer (DC)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CSPB1810 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CSPB1810 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Piezo
Buzzer (DC)
CSPB2412
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CSPB1810
4000
500
±
85at 10cm
CSPB1810HC40L
3 ~ 16
12
10
-20 ~ +75
PPS
1.6
Continuous
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)
3400
500
±
90 at 10cm
CSPB2412HC34L
3 ~ 16
12
10
3.8
Continuous
PPS
-20 ~ +75
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)


Similar Part No. - CSPB1810

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
   CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
M-System Co.,Ltd.
CSP MSYSTEM-CSP Datasheet
110Kb / 4P
   Final Control Elements
logo
Mean Well Enterprises C...
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-120 MEANWELL-CSP-3000-120 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-250 MEANWELL-CSP-3000-250 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
More results

Similar Description - CSPB1810

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPB1208 CANOPUS-CPB1208 Datasheet
784Kb / 1P
   Piezo Buzzer (DC)
CPB3015 CANOPUS-CPB3015 Datasheet
758Kb / 1P
   Piezo Buzzer (DC)
CPB3207 CANOPUS-CPB3207 Datasheet
790Kb / 1P
   Piezo Buzzer (DC)
CPB4333-H CANOPUS-CPB4333-H Datasheet
651Kb / 1P
   Piezo Buzzer (DC)
CPB2211 CANOPUS-CPB2211 Datasheet
797Kb / 1P
   Piezo Buzzer (DC)
CPB3626-R CANOPUS-CPB3626-R Datasheet
981Kb / 1P
   Piezo Buzzer (DC)
CPB4526 CANOPUS-CPB4526 Datasheet
900Kb / 1P
   Piezo Buzzer (DC)
CPB2626 CANOPUS-CPB2626 Datasheet
819Kb / 1P
   Piezo Buzzer (DC)
CPB2310 CANOPUS-CPB2310 Datasheet
762Kb / 1P
   Piezo Buzzer (DC)
CPB4216 CANOPUS-CPB4216 Datasheet
846Kb / 1P
   Piezo Buzzer (DC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com