Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT3906
Description  Surface Mount Si-Epi-Planar Switching Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT3906 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT3906 Datasheet HTML 1Page - Diotec Semiconductor MMBT3906 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT3906
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 2)
- IC = 10 mA, - IB = 1 mA
- IC = 50 mA, - IB = 5 mA
- VCEsat
- VCEsat
0.25 V
0.4 V
Base-Emitter saturation voltage – Basis-Sättigungsspannung 2)
- IC = 10 mA, - IB = 1 mA
- IC = 50 mA, - IB = 5 mA
- VBEsat
- VBEsat
0.65 V
0.85 V
0.95 V
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
- VCE = 30 V, - VEB = 3 V
- ICEX
50 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
- VCE = 30 V, - VEB = 3 V
IEBV
–-
50 nA
Gain-Bandwidth Product – Transitfrequenz
- IC = 10 mA, - VCE = 20 V, f = 100 MHz
fT
250 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 5 V, IE = ie = 0, f = 1 MHz
CCBO
4.5 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
10 pf
Noise figure – Rauschzahl
- VCE = 5 V, - IC = 100 µA, RG = 1 kΩ, f = 1 kHz
F
4 dB
Switching times – Schaltzeiten (between 10% and 90% levels)
delay time
rise time
- VCC = 3 V, - VBE = 0.5 V
- IC = 10 mA, - IB1 = 1mA
td
35 ns
tr
35 ns
storage time
fall time
- VCC = 3 V, - IC = 10 mA,
- IB1 = IB2 = 1 mA
ts
225 ns
tf
75 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 200 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
MMBT3904
Marking - Stempelung
MMBT3906 = 2A or 3E
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
   PNP switching transistor
2000 Apr 11
logo
Guangdong Kexin Industr...
MMBT3906 KEXIN-MMBT3906 Datasheet
1Mb / 2P
   PNP Transistors
logo
Unisonic Technologies
MMBT3906 UTC-MMBT3906 Datasheet
50Kb / 3P
   GENERAL PURPOSE APPLIATION
logo
First Components Intern...
MMBT3906 FCI-MMBT3906 Datasheet
96Kb / 1P
   200mW PNP Bipolar Transistors
logo
NXP Semiconductors
MMBT3906 NXP-MMBT3906 Datasheet
151Kb / 8P
   PNP switching transistor
2003 Mar 18
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222_07 Datasheet
100Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT2907 DIOTEC-MMBT2907_15 Datasheet
100Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904_15 Datasheet
101Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904 Datasheet
99Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3906 DIOTEC-MMBT3906 Datasheet
100Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904_10 Datasheet
99Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT2907 DIOTEC-MMBT2907_07 Datasheet
99Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT2369 DIOTEC-MMBT2369 Datasheet
98Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT2222A DIOTEC-MMBT2222A Datasheet
100Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
PN2222 DIOTEC-PN2222 Datasheet
97Kb / 2P
   Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com