Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO5822 Datasheet(PDF) 3 Page - Canopus Electronics (H.K.) Ltd.

Part # CO5822
Description  Electret Condenser Microphone (ECM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CO5822 Datasheet(HTML) 3 Page - Canopus Electronics (H.K.) Ltd.

  CO5822 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd. CO5822 Datasheet HTML 2Page - Canopus Electronics (H.K.) Ltd. CO5822 Datasheet HTML 3Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicon & Electret
Condenser Microphone (ECM)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
Uni-Directional
Back Electrect
Canopus Part no.
F re q u e n cy
R a n g e
(H z)
M a x .
C u r r e n t
( m A )
S e n s i t i v i t y a t 1 K H z
( 0 d B = 1 V / P a )
S N
R a tio
(d B )
C U 5842
C U 6022
C U 6030
C U 6035
C U 6050
C U 8050
C U 9745
C U 9750
C U 5842
C U 6022
C U 6030
C U 6035
C U 6050
C U 8050
C U 9745
C U 9750
4.2
2.2
3
3.5
5
5
4.5
5
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5, 2 , 3 ,
4.5
1.5, 2 , 3 ,
4.5
2K
2.2K
2.2K
2.2K
2.2K
2.2K
680 , 1K ,
1.5K , 2.2 K
680 , 1K ,
1.5K , 2.2 K
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
> 55
> 55
> 55
> 55
> 55
> 55
> 55
> 55
P 9 0
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
Standard
Power Supply
( Vs ) ( dB )
R e s i s t a n c e
L o a d i n g
(
)
( R L )
Canopus Part no.
F re q u e n cy
R a n g e
(H z)
M a x .
C u r r e n t
( m A )
S e n s itiv ity a t 1 K H z
( 0 d B = 1 V / P a )
S N
R a tio
(d B )
C N4530
C N6022
C N6027
C N6035
C N6050
C N9750
C N4530
C N6022
C N6027
C N6035
C N6050
C N9750
3
2.2
2.7
3.5
5
5
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3 , 4.5
2.2K
2.2K
2.2K
2.2K
2.2K
680 , 1K ,
1.5K , 2.2 K
0.5
0.5
0.5
0.5
0.5
0.5
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
> 55
> 55
> 55
> 55
> 55
> 55
P 9 0
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
Standard
Power Supply
( Vs ) ( dB )
R e s is ta n c e
L o a d in g
(
)
( R L )
CSM4712
Max
Current
( mA )
Frequency
Range
(Hz)
CSM4712
2.2
2.2K
( -40 , -42 ) 3
±
Canopus Part no.
Sensitivity
at 1K Hz
( 0dB = 1V/Pa )
Resistance
Loading
( RL ) ( )
SN Ratio
( dB )
Housing
Omnidirectional
0.2 100~16000 > 55 Ni Plated Copper SMD
Directivity
Standard
Power Supply
( Vs ) ( V )
Terminal


Similar Part No. - CO5822

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CO50 EXTECH-CO50 Datasheet
92Kb / 1P
   Desktop Carbon Monoxide (CO) Monitor
CO52 EXTECH-CO52 Datasheet
235Kb / 2P
   Gas Leak Detector
logo
Suzhou HangJing Electro...
CO53C6 HANGJING-CO53C6 Datasheet
303Kb / 1P
   OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL
CO53D6 HANGJING-CO53D6 Datasheet
303Kb / 1P
   OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL PACKAGE.
CO53H4 HANGJING-CO53H4 Datasheet
479Kb / 1P
   OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL
More results

Similar Description - CO5822

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com