Electronic Components Datasheet Search |
|
S21MD3V Datasheet(PDF) 1 Page - Sharp Corporation |
|
S21MD3V Datasheet(HTML) 1 Page - Sharp Corporation |
1 / 4 page ∗1 Sine wave AC 1 minute, f = 60Hz ∗3 For 10 seconds S21MD3V s Features s Outline Dimensions ( Unit : mm ) s Absolute Maximum Ratings ( Ta = 25˚C) 3. Isolation voltage between input and output s Applications 1. For triggering medium/high power triac ( V DRM : MIN. 600V ) S21MD3V Anode mark θ Internal connection diagram S21MD3V 12 3 4 5 6 1 2 3 4 5 6 1 Anode 3 NC 4 Anode/ Cathode 5 No external connection 6 Anode/ Cathode Viso 4. UL recognized, file No.E64380 (S21MD3V / S21MD3W ) g S21MD3V is for 200V line. Phototriac Coupler Parameter Symbol Rating Unit Input Forward current IF 50 mA Reverse voltage VR 6V Output RMS ON-state current IT 100 I surge 1.2 A Repetitive peak OFF-state voltage VDRM 600 V Viso Operating temperature T opr - 30 to + 100 ˚C Storage temperature T stg - 55 to + 125 ˚C T sol 260 ˚C ∗3Soldering temperature ∗2 Isolation voltage ∗1Peak one cycle surge current High Noise Resistance Type gg TUV ( VDE0884 ) approved type is also available as an option. 1. High critical rate of rise of OFF-state voltage ( dv/dt : MIN. 500V/ µ s) 2. High repetitive peak OFF-state voltage 2 Cathode 5 000 ∗2 40 to 60% , RH data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.” “ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, g Lead forming type and taping reel type are also available. ( S21MD3W/S21MD3P ) : 5 000Vrms mArms Vrms θ : 0 to 13 ˚ 2.54±0.25 0.9± 0.2 1.2± 0.3 7.12± 0.5 7.62± 0.3 0.26± 0.1 0.5± 0.1 .. |
Similar Part No. - S21MD3V |
|
Similar Description - S21MD3V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |