Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFA37 Datasheet(PDF) 1 Page - Sanken electric

Part # TFA37
Description  Reverse Blocking Triode Thyristor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFA37 Datasheet(HTML) 1 Page - Sanken electric

  TFA37 Datasheet HTML 1Page - Sanken electric TFA37 Datasheet HTML 2Page - Sanken electric TFA37 Datasheet HTML 3Page - Sanken electric TFA37 Datasheet HTML 4Page - Sanken electric TFA37 Datasheet HTML 5Page - Sanken electric TFA37 Datasheet HTML 6Page - Sanken electric TFA37 Datasheet HTML 7Page - Sanken electric TFA37 Datasheet HTML 8Page - Sanken electric TFA37 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TFA3x Series
Features and Benefits
▪ Exceptional reliability
▪ Small fully-molded SIP package with heatsink mounting
for high thermal dissipation and long life
▪ Operating junction temperature to 150°C
▪ VDRM of 700 or 800 V
▪ 4.7 ARMS on-state current
▪ 7 mA typical gate trigger current
▪ Uniform switching
▪ UL Recognized Component (File No.: E118037) (suffix I)
Reverse Blocking Triode Thyristor
Package: 3-pin SIP (TO-220F)
Not to scale
Applications
▪ Motor control for small tools
▪ Temperature control, light dimmers, electric blankets
▪ General use switching mode power supplies (SMPS)
Description
This Sanken reverse blocking triode thyristor is designed for
AC power control, providing reliable, uniform switching for
half-cycle AC applications.
In comparison with other products on the market, the TFA3x
series provides increased isolation voltage (1800 VACRMS),
guaranteed for up to 1 minute. In addition, commutation
dv/dt is improved.
Typical Applications
M
Single-phase motor control (for example, electric tool)
In-rush current control (for example, SMPS)
28105.01, Rev. 1


Similar Part No. - TFA37

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA37 SANKEN-TFA37 Datasheet
286Kb / 12P
   Reverse Blocking Triode Thyristor
TFA37(I) SANKEN-TFA37(I) Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA37I SANKEN-TFA37I Datasheet
286Kb / 12P
   Reverse Blocking Triode Thyristor
TFA37S SANKEN-TFA37S Datasheet
286Kb / 12P
   Reverse Blocking Triode Thyristor
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results

Similar Description - TFA37

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA88S SANKEN-TFA88S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA57S SANKEN-TFA57S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X_10 Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA10X SANKEN-TFA10X Datasheet
282Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com