Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI-8003TW Datasheet(PDF) 4 Page - Sanken electric

Part # SPI-8003TW
Description  2-Output, Step-down Switching Mode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPI-8003TW Datasheet(HTML) 4 Page - Sanken electric

  SPI-8003TW Datasheet HTML 1Page - Sanken electric SPI-8003TW Datasheet HTML 2Page - Sanken electric SPI-8003TW Datasheet HTML 3Page - Sanken electric SPI-8003TW Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
61
ICs
SPI-8001TW/SPI-8002TW/SPI-8003TW
■Typical Connection Diagram
VIN
GND
VC/E
VCC
3
VIN1
SWout1
R5
C4
C1
C6
+
24
SS1
6
11
DGND1
5
VIN2
15
SS2
DGND2
12
7
VREF1
13
SWout2
10
VREF2
R6
C5
C/E
AGND
Ch2
Ch1
14
1, 9
Di2
L2
IREF2
C3
V02
C8
+
GND
Di1
L1
IREF1
C2
R1
R2
R3
R4
V01
C7
+
SPI-8000TW
Diodes Di1, Di2
• Be sure to use Schottky-barrier diodes for Di1 and Di2.
If other diodes like fast recovery diodes are used, IC may be destroyed because of the reverse voltage generated by the recovery voltage or ON voltage.
Choke coils L1, L2
• If the winding resistance of the choke coil is too high, the efficiency may drop below the rated value.
• As the overcurrent protection starting current is about 2.0A, take care concerning heat radiation from the choke coil caused by magnetic saturation due to
overload or short-circuited load.
• Use a closed-magnetic-path coil to prevent interference between the channels SWout1 and SWout2.
Capacitors C1, C2, C3
• As large ripple currents flow through C1, C2 and C3, use high-frequency and low-impedance capacitors suitable for switching mode power supplies.
Especially when the impedance of C2 and C3 are high, the switching waveforms may become abnormal at low temperatures. For C2 and C3, do not use
capacitors with extremely low equivalent series resistance (ESR) such as OS capacitors or tantalum capacitors, which may cause abnormal oscillation.
Resistors R1, R2, R3, R4
• R1, R2, R3 and R4 are resistors for setting output voltages. Set the resistors so that IREF is approx. 1 mA. For example, R1 and R2 can be calculated as
shown below.
(VO1–VREF1)(VO1–V)
VREF1
1
R1=
IREF1
=
1×10–3
(Ω), R2=
IREF1
=
1×10–3
1(KΩ)
To create the optimum operating conditions, place the components as close as possible to each other.
C1
: 220 µF/50V
C2, C3
: 470 µF/25V
C4, C5
: 1 µF
C6, C7, C8 : 0.1 µF
Note 1: The efficiency depends on the input voltage and the output current. Therefore, obtain the value from the efficiency graph and substitute the percent-
age in the formula above.
Note 2: Thermal design for D1 must be considered separately.
■Ta-PD Characteristics
VO : Output Voltage
VIN : Input Voltage
IO : Output Current
ηχ : Efficiency (%)
VF :D1 Forward Voltage
SJPB-H6···0.45V (IO=1A)
PD = VO·IO
100
–1 – VF·IO 1–
VO
ηχ
VIN
–25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
025
50
75
100
125 135 150
Ambient Temperature Ta (°C)
69.2°C/W (0.84 cm
2)
52.3°C/W (3.34 cm
2)
42.6°C/W (8.64 cm
2)
35.8°C/W (30.8 cm
2)
(Copper Laminate Area)
θ j-a
38.2°C/W (15.6 cm
2)
=
.
.
VIN
GND
VC/F
VCC
3
VIN1
SWout1
R5
C5
C1
C4
C9
R7
+
24
SS1
6
12
DGND1
5
VIN2
16
SS2
DGND2
13
7
VREF1
14
SWout2
11
VREF2
R6
C6
C/E
AGND
CORC
RCSC
Ch2
Ch1
15
1, 9
10
Di2
L2
IREF2
C3
VC2
C8
+
GND
Di1
L1
IREF1
C2
R1
R2
R3
R4
VC1
C7
+
8
SPI-8003TW
R5, R6
: 1kΩ
L1, L2
: 47 µH
Di1, Di2
: SJPB-H6
(Sanken)
C1
: 220 µF/50V
C2, C3
: 470 µF/25V
C4
: 1 µF/50V
C5, C6
: 1 µF/10V
C7, C8
: 0.1 µF/50V
C9
: 100pF/10V
L1, L2
: 47 µH
R2, R4
: 1kΩ
R5, R6
: 1kΩ
Di1, Di2
: SJPB-H6 (Sanken)


Similar Part No. - SPI-8003TW

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPI-8003TW SANKEN-SPI-8003TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SPI-8003TW SANKEN-SPI-8003TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
More results

Similar Description - SPI-8003TW

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPI-8001TW SANKEN-SPI-8001TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
SPI-8001TW SANKEN-SPI-8001TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
   Current Mode Control Step-down Switching Mode
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
logo
Sanken electric
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
   Current Mode Control Step-down Switching Mode
logo
Allegro MicroSystems
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
   2 A step-down switching regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com