Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C33 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BZT52C33
Description  Surface mount Silicon Planar Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZT52C33 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BZT52C33 Datasheet HTML 1Page - Diotec Semiconductor BZT52C33 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZT52C2V4 ... BZT52C75 (500 mW)
Maximum ratings
Grenzwerte
Type
Typ
Z-voltage range 1)
Z-Spanngs.-Bereich 1)
IZT = 5mA
Dynamic resistance
Diff. Widerstand
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 100 nA
Z-current 2)
Z-Strom 2)
TA = 25°C
VZ min [V]
VZ max [V]
ZZK
[Ω]
IZK [mA]
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
BZT52C2V4
2.2
2.6
< 100
5
-9...-6
1 (<120 µA)
192
BZT52C2V7
2.5
2.9
< 110
5
-9...-6
1 (<120 µA)
172
BZT52C3V0
2.8
3.2
< 120
5
-8...-5
1 (<50 µA)
156
BZT52C3V3
3.1
3.5
< 130
5
-8...-5
1 (<20 µA)
143
BZT52C3V6
3.4
3.8
< 130
5
-8...-5
1 (<10 µA)
132
BZT52C3V9
3.6
4.2
< 130
5
-8...-5
1 (<5 µA)
119
BZT52C4V3
4.0
4.6
< 130
5
-6...-3
1 (<5 µA)
109
BZT52C4V7
4.4
5.0
< 130
5
-5...+2
1 (<2 µA)
100
BZT52C5V1
4.8
5.4
< 130
5
-2...+2
1.5 (<2 µA)
93
BZT52C5V6
5.2
6.0
< 80
5
-5...+5
2.5 (<1 µA)
83
BZT52C6V2
5.8
6.6
< 50
5
-3...+6
3 (<1 µA)
76
BZT52C6V8
6.4
7.2
< 30
5
+3...+7
3.5 (<0.5 µA)
69
BZT52C7V5
7.0
7.9
< 30
5
+3...+7
4 (<0.5 µA)
63
BZT52C8V2
7.7
8.7
< 30
5
+8...+7
5 (<0.5 µA)
57
BZT52C9V1
8.5
9.6
< 30
5
+3...+9
6 (<0.5 µA)
0
BZT52C10
9.4
10.6
< 30
5
+3...+10
7
0
BZT52C11
10.4
11.6
< 30
5
+3...+11
8
0
BZT52C12
11.4
12.7
< 35
5
+3...+11
9
0
BZT52C13
12.4
14.1
< 35
5
+3...+11
10
0
BZT52C15
13.8
15.6
< 40
5
+3...+11
11
0
BZT52C16
15.3
17.1
< 40
5
+3...+11
12
0
BZT52C18
16.8
19.1
< 45
5
+3...+11
13
0
BZT52C20
18.8
21.2
< 50
5
+3...+11
15
0
BZT52C22
20.8
23.3
< 55
5
+4...+12
17
0
BZT52C24
22.8
25.6
< 60
5
+4...+12
19
0
BZT52C27
25.1
28.9
< 70
2
+4...+12
21
0
BZT52C30
28
32
< 80
2
+4...+12
23
16
BZT52C33
31
35
< 80
2
+4...+12
25
14
BZT52C36
34
38
< 90
2
+4...+12
27
13
IZT = 2.5 mA
BZT52C39
37
41
<100
2
+4...+12
30 (< 2 µA)
12
BZT52C43
40
46
<130
2
+4...+12
33 (< 2 µA)
11
BZT52C47
44
50
<150
2
+4...+12
36 (< 2 µA)
10
BZT52C51
48
54
<180
2
+4...+12
39 (< 1 µA)
9
BZT52C56
52
60
<180
2
+4...+12
43 (< 1 µA)
8
BZT52C62
58
66
<200
2
+4...+12
47 (<0.2 µA)
8
BZT52C68
64
72
<250
2
+4...+12
52 (<0.2 µA)
7
BZT52C75
70
79
<300
2
+4...+12
57 (<0.2 µA)
6
1
Tested with pulses (20 ms) – Gemessen mit Impulsen (20 ms)
2
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad an jedem Anschluss)
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - BZT52C33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C33 TSC-BZT52C33 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Diodes Incorporated
BZT52C33 DIODES-BZT52C33 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Guangdong Kexin Industr...
BZT52C33 KEXIN-BZT52C33 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
First Components Intern...
BZT52C33 FCI-BZT52C33 Datasheet
136Kb / 2P
   1/2 Watt ZEBER DIODES Planar Die Construction
More results

Similar Description - BZT52C33

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
   Surface Mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_13 Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
   Surface Mount Silicon Planar Zener Diodes
logo
Diotec Semiconductor
ZMM1-2P DIOTEC-ZMM1-2P Datasheet
134Kb / 3P
   Surface mount Silicon Planar Zener Diodes
BZX84B2V4 DIOTEC-BZX84B2V4_15 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com