Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C15 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BZX84C15
Description  Surface mount Silicon Planar Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZX84C15 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BZX84C15 Datasheet HTML 1Page - Diotec Semiconductor BZX84C15 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZX84C2V4 ... BZX84C47 (300 mW)
Maximum ratings
Grenzwerte
Type
Typ
Marking
Code 1)
Zener voltage 2)
Zener-Spanng. 2)
Dynamic resistance
Inhär. diff. Widerstand
Temp. Coeffic.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 3)
Z-Strom 3)
TA = 50°C
BZX84
Vzmin [V] Vzmax [V]
rzj [Ω] at f = 1 kHz
αVZ [10-4/°C]
VR [V] IR [µA] IZmax [mA]
IZ =
5 mA
5 mA
5 mA
1 mA
...C2V4
Z11/C8
2.2
2.6
< 85
< 600
-8...-5
1
20
115
...C2V7
Z12/D8
2.5
2.9
< 85
< 600
-8...-5
1
20
103
...C3V0
Z13/E8
2.8
3.2
< 85
< 600
-8...-5
1
10
94
...C3V3
Z14/F8
3.1
3.5
< 85
< 600
-8...-5
1
5
86
...C3V6
Z15/H8
3.4
3.8
< 85
< 600
-8...-5
1
5
79
...C3V9
Z16/J8
3.7
4.1
< 85
< 600
-8...-5
1
3
73
...C4V3
W9/K8
4.0
4.6
< 80
< 600
-7...-4
1
3
65
...C4V7
Z1/M8
4.4
5.0
< 80
< 500
-5...-2
2
3
60
...C5V1
Z2/N8
4.8
5.4
< 60
< 480
-2...+2
2
2
56
...C5V6
Z3/P8
5.2
6.0
< 40
< 400
-1...+4
2
1
50
...C6V2
Z4/R8
5.8
6.6
< 10
< 150
+2...+5
4
3
45
...C6V8
Z5/X8
6.4
7.2
< 15
< 80
+3...+6
4
2
42
...C7V5
Z6/Y8
7.0
7.9
< 15
< 80
+3...+6
5
1
38
...C8V2
Z7/Z8
7.7
8.7
< 15
< 80
+4...+7
5
0.7
34
...C9V1
Z8/A9
8.5
9.6
< 15
< 100
+4...+7
6
0.5
31
...C10
Z9/B9
9.4
10.6
< 20
< 150
+5...+8
7
0.2
28
...C11
Y1/C9
10.4
11.6
< 20
< 150
+5...+8
8
0.1
26
...C12
Y2/D9
11.4
12.7
< 25
< 150
+5...+8
8
0.1
24
...C13
Y3/E9
12.4
14.1
< 30
< 170
+6...+9
8
0.1
21
...C15
Y4/F9
13.8
15.6
< 30
< 200
+6...+9
10.5
0.05
19
...C16
Y5/H9
15.3
17.1
< 40
< 200
+6...+9
11.2
0.05
18
...C18
Y6/J9
16.8
19.1
< 45
< 225
+6...+9
12.6
0.05
16
...C20
Y7/K9
18.8
21.2
< 55
< 225
+6...+9
14.0
0.05
14
...C22
Y8/M9
20.8
23.3
< 55
< 250
+7...+10
15.4
0.05
13
...C24
Y9/N9
22.8
25.6
< 70
< 250
+7...+10
16.8
0.05
12
IZ =
2 mA
2 mA
2 mA
0.5 mA
...C27
Y10/P9
25.1
28.9
< 80
< 300
+7...+10
18.9
0.05
10
...C30
Y11/R9
28
32
< 80
< 300
+7...+10
21.0
0.05
9
...C33
Y12/X9
31
35
< 80
< 325
+7...+10
23.1
0.05
9
...C36
Y13/Y9
34
38
< 90
< 350
+7...+10
25.1
0.05
8
...C39
Y14/Z9
37
41
< 130
< 350
+7...+10
27.3
0.05
7
...C43
Y15/A0
40
46
< 150
< 375
+7...+10
30.1
0.05
7
...C47
Y16/B0
44
50
< 170
< 375
+7...+10
32.9
0.05
6
1
Alternatively used. The complete part number is given on the package label.
Alternativ verwendet. Die vollständige Artikel-Nr. ist auf dem Verpackungsetikett angegeben.
2
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
3
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - BZX84C15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84C15 TSC-BZX84C15 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Vishay Siliconix
BZX84C15 VISHAY-BZX84C15 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84C15 SECOS-BZX84C15 Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C15 MAKOSEMI-BZX84C15 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Central Semiconductor C...
BZX84C15 CENTRAL-BZX84C15 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C15

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
   Surface Mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_13 Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
   Surface Mount Silicon Planar Zener Diodes
logo
Diotec Semiconductor
ZMM1-2P DIOTEC-ZMM1-2P Datasheet
134Kb / 3P
   Surface mount Silicon Planar Zener Diodes
BZX84B2V4 DIOTEC-BZX84B2V4_15 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com