Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC73 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74HC73
Description  Dual J-K Flip-Flop with Reset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC73 Datasheet(HTML) 4 Page - Motorola, Inc

  MC74HC73 Datasheet HTML 1Page - Motorola, Inc MC74HC73 Datasheet HTML 2Page - Motorola, Inc MC74HC73 Datasheet HTML 3Page - Motorola, Inc MC74HC73 Datasheet HTML 4Page - Motorola, Inc MC74HC73 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74HC73
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
SWITCHING WAVEFORMS
tsu
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CLOCK
Q or Q
90%
90%
50%
10%
tf
tr
VCC
GND
tw
1/fmax
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
Figure 1.
Figure 2.
Figure 3.
Figure 4.
50%
50%
50%
50%
VCC
VCC
GND
GND
RESET
Q
Q
CLOCK
tPLH
tPHL
trec
tw
VALID
50%
J or K
CLOCK
VCC
VCC
GND
GND
th
EXPANDED LOGIC DIAGRAM
RESET
K
CLOCK
2, 6
14, 7
3, 10
1, 5
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
Q
Q
12, 9
13, 8
CL
CL
CL
J


Similar Part No. - MC74HC73

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC74HC73 NXP-MC74HC73 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC74HC738-03AN MOTOROLA-MC74HC738-03AN Datasheet
235Kb / 7P
   Octal 3-State Noninverting Transparent Latch
logo
ON Semiconductor
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74HC73A ONSEMI-MC74HC73A Datasheet
91Kb / 7P
   Dual J-K Flip-Flop with Reset
January, 2016 ??Rev. 10
MC74HC73ADG ONSEMI-MC74HC73ADG Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
More results

Similar Description - MC74HC73

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC73A ONSEMI-MC74HC73A_16 Datasheet
91Kb / 7P
   Dual J-K Flip-Flop with Reset
January, 2016 ??Rev. 10
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
   Dual J-K Flip-Flop with Set and Reset
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
   Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Texas Instruments
CD54AC109 TI-CD54AC109 Datasheet
228Kb / 8P
[Old version datasheet]   Dual j-k Flip-Flop with Set and Reset
logo
System Logic Semiconduc...
SL74HC109 SLS-SL74HC109 Datasheet
47Kb / 5P
   Dual J-K Flip-Flop with Set and Reset
SL74HC112 SLS-SL74HC112 Datasheet
49Kb / 6P
   Dual J-K Flip-Flop with Set and Reset
logo
Integral Corp.
IN74ACT109 INTEGRAL-IN74ACT109 Datasheet
183Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
List of Unclassifed Man...
GD74HCT113 ETC1-GD74HCT113 Datasheet
256Kb / 6P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com