Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXD1210MJA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MXD1210MJA
Description  Nonvolatile RAM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1210MJA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MXD1210MJA Datasheet HTML 1Page - Maxim Integrated Products MXD1210MJA Datasheet HTML 2Page - Maxim Integrated Products MXD1210MJA Datasheet HTML 3Page - Maxim Integrated Products MXD1210MJA Datasheet HTML 4Page - Maxim Integrated Products MXD1210MJA Datasheet HTML 5Page - Maxim Integrated Products MXD1210MJA Datasheet HTML 6Page - Maxim Integrated Products MXD1210MJA Datasheet HTML 7Page - Maxim Integrated Products MXD1210MJA Datasheet HTML 8Page - Maxim Integrated Products MXD1210MJA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Nonvolatile RAM Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCCI to GND ..........................................................-0.3V to +7.0V
VBATT1 to GND.....................................................-0.3V to +7.0V
VBATT2 to GND.....................................................-0.3V to +7.0V
VCCO to GND ................................................-0.3V to (VS + 0.3V)
(VS = greater of VCCI, VBATT1, VBATT2)
Digital Input and Output
Voltages to GND.....................................-0.3V to (VCCI + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin PDIP (derate 9.09mW/°C above +70°C)..............727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C).........640mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) .....762mW
Operating Temperature Range
C Suffix.................................................................0°C to +70°C
E Suffix ..............................................................-40°C to +85°C
M Suffix ...........................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TOL = GND
4.75
5.50
Supply Voltage
VCCI
TOL = VCCO
4.50
5.50
V
Input High Voltage
VIH
2.2
V
Input Low Voltage
VIL
0.8
V
Battery Voltage
VBATT1
VBATT2
1 or 2 batteries (Note 1)
2.0
4.0
V
ELECTRICAL CHARACTERISTICS—Normal Supply Mode, TOL = VCCO
(VCCI = +4.75V to +5.5V, TOL = GND; or VCCI = +4.5V to +5.5V, TOL = VCCO; TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICCI
VCCO, CEO open, VBATT1 = VBATT2 = 3V
0.23
0.5
mA
MXD1210C
VCCI -
0.20
MXD1210E
VCCI -
0.21
Output Supply Voltage
VCCO
ICCO1 = 80mA (Note 2)
MXD1210M
VCCI -
0.25
V
MXD1210C
80
MXD1210E
0.23
75
Output Supply Current
ICCO
VCCI - VCCO
≤ 0.2V (Note 2)
MXD1210M
0.23
65
mA
Input Leakage Current
IIL
±1.0
µA
Output Leakage Current
IOL
±1.0
µA
High-Level Output Voltage
VOH
IOH = -1mA
2.4
V
Low-Level Output Voltage
VOL
IOL = 4mA
0.4
V
TOL = GND
4.50
4.74
VCCI Trip Point
VCCTP
TOL = VCCO
4.25
4.49
V


Similar Part No. - MXD1210MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1210MJA MAXIM-MXD1210MJA Datasheet
87Kb / 8P
   Nonvolatile RAM Controller
19-0154; Rev 1; 3/96
More results

Similar Description - MXD1210MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1210 MAXIM-MXD1210 Datasheet
87Kb / 8P
   Nonvolatile RAM Controller
19-0154; Rev 1; 3/96
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
logo
Dallas Semiconductor
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Xicor Inc.
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
logo
Maxim Integrated Produc...
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
   Nonvolatile Timekeeping RAM
Rev 10/10
logo
Dallas Semiconductor
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
   Nonvolatile Timekeeping RAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com