Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4506C Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4506C
Description  Fault-Protected, High-Voltage Signal-Line Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4506C Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4506C Datasheet HTML 4Page - Maxim Integrated Products MAX4506C Datasheet HTML 5Page - Maxim Integrated Products MAX4506C Datasheet HTML 6Page - Maxim Integrated Products MAX4506C Datasheet HTML 7Page - Maxim Integrated Products MAX4506C Datasheet HTML 8Page - Maxim Integrated Products MAX4506C Datasheet HTML 9Page - Maxim Integrated Products MAX4506C Datasheet HTML 10Page - Maxim Integrated Products MAX4506C Datasheet HTML 11Page - Maxim Integrated Products MAX4506C Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Fault-Protected, High-Voltage
Signal-Line Protectors
______________________________________________________________________________________
11
Ordering Information (continued)
Chip Topographies
20 SSOP
MAX4507CAP
18 Plastic DIP
MAX4507CPN
18 SO
MAX4507CWN
18 SO
20 SSOP
Dice*
MAX4507EWN
MAX4507EAP
MAX4507C/D
18 Plastic DIP
MAX4507EPN
18 CERDIP**
MAX4507MJN
*Contact factory for dice specifications.
**Contact factory for availability.
PART
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
-40°C to +85°C
-55°C to +125°C
OUT1
OUT2
OUT3
0.112"
(2.84mm)
0.071"
(1.80mm)
V+
IN1
IN2
IN3
V-
0.112"
(2.84mm)
0.071"
(1.800mm)
V-
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
IN1
V+
OUT1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
MAX4506
MAX4507
TRANSISTOR COUNT:
144 (MAX4506)
379 (MAX4507)
SUBSTRATE CONNECTED TO V+


Similar Part No. - MAX4506C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506C/D MAXIM-MAX4506C/D Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4506CPA MAXIM-MAX4506CPA Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4506CSA MAXIM-MAX4506CSA Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
More results

Similar Description - MAX4506C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
   Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
   Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com