Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4506 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4506
Description  Fault-Protected, High-Voltage Signal-Line Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4506 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4506 Datasheet HTML 1Page - Maxim Integrated Products MAX4506 Datasheet HTML 2Page - Maxim Integrated Products MAX4506 Datasheet HTML 3Page - Maxim Integrated Products MAX4506 Datasheet HTML 4Page - Maxim Integrated Products MAX4506 Datasheet HTML 5Page - Maxim Integrated Products MAX4506 Datasheet HTML 6Page - Maxim Integrated Products MAX4506 Datasheet HTML 7Page - Maxim Integrated Products MAX4506 Datasheet HTML 8Page - Maxim Integrated Products MAX4506 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µA
Fault-Protected, High-Voltage
Signal-Line Protectors
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = -0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
ELECTRICAL CHARACTERISTICS —Dual Supplies (continued)
(V+ = +15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
MAX4506
MAX4507
-1
0.2
+1
-400
-300
MAX4506
MAX4507
400
-250
-160
Power-Supply Current
300
-200
160
250
200
175
-175
µA
90
150
-150
-90
I-
I+
VIN_ = +15V
M
C, E
+25°C
M
C, E
+25°C
µA
-10
+10
C, E
+25°C
VIN_= ±40V, VOUT_ = open,
V+ = 0, V- = 0
IIN_
Input Signal-Path Leakage
Current, Supplies Off
-10
+10
M
µA
13
19
26
mA
-26
-19
-13
+25°C
+25°C
VIN_= +25V
IOUT_
Output Clamp Current,
Supplies On
0.5
1.0
k
0.4
1.0
+25°C
+25°C
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 1mA
ROUT_
Output Clamp Resistance,
Supplies On
VIN_= -25V
VIN_= +25V
VIN_= -25V
±8
±18
C, E, M
+25°C
ns
± Fault Output Turn-On Delay
Time (Note 5)
RL = 10k
Ω, VIN_ = ±25V
Power-Supply Range
CONDITIONS
V+, V-
M
C, E
+25°C
M
C, E
+25°C
TA
2.5
V
10
µs
+25°C
± Fault Recovery Time (Note 5)
RL = 10k
Ω, VIN_ = ±25V
125
200
RON
V
0V+
VIN_
Fault-Free Analog Signal Range
(Note 4)
20
∆RON
Signal-Path Resistance Match
(Note 6)
15
312
250
300
Analog Signal-Path Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V+ = +12V, V- = 0
VIN_ = +12V
VIN_ = +10V, IOUT_ = 1mA
VIN_ = +10V, IOUT_ = 1mA
CONDITIONS
+25°C
C, E, M
M
C, E
+25°C
C, E
M
TA
POWER SUPPLY
-400
+400
IOUT_(ON)
Signal-Path Leakage Current
(Note 7)
-40
+40
nA
-0.5
0.05
+0.5
VIN = +10V or floating
M
C, E
+25°C
ANALOG SWITCH


Similar Part No. - MAX4506

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4506C/D MAXIM-MAX4506C/D Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4506CPA MAXIM-MAX4506CPA Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4506CSA MAXIM-MAX4506CSA Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4506EPA MAXIM-MAX4506EPA Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
More results

Similar Description - MAX4506

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
   Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
   Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com