Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXB7843 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MXB7843
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MXB7843 Datasheet HTML 6Page - Maxim Integrated Products MXB7843 Datasheet HTML 7Page - Maxim Integrated Products MXB7843 Datasheet HTML 8Page - Maxim Integrated Products MXB7843 Datasheet HTML 9Page - Maxim Integrated Products MXB7843 Datasheet HTML 10Page - Maxim Integrated Products MXB7843 Datasheet HTML 11Page - Maxim Integrated Products MXB7843 Datasheet HTML 12Page - Maxim Integrated Products MXB7843 Datasheet HTML 13Page - Maxim Integrated Products MXB7843 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and GND, allow the analog input pins to
swing from GND - 0.3V to VDD + 0.3V without damage.
Analog inputs must not exceed VDD by more than
50mV or be lower than GND by more than 50mV for
accurate conversions. If an off-channel analog input
voltage exceeds the supplies, limit the input current to
50mA. The analog input pins are ESD protected to
±8kV using the Contact-Discharge method and ±15kV
using the Air-Gap method specified in IEC 61000-4-2.
Touch-Screen Conversion
The MXB7843 provides two conversion methods—dif-
ferential and single ended. The SER/DFR bit in the con-
trol word selects either mode. A logic 1 selects a
single-ended conversion, while a logic 0 selects a dif-
ferential conversion.
Differential vs. Single Ended
Changes in operating conditions can degrade the accu-
racy and repeatability of touch-screen measurements.
Therefore, the conversion results representing X and Y
coordinates may be incorrect. For example, in single-
ended measurement mode, variation in the touch-
screen driver voltage drops results in incorrect input
reading. Differential mode minimizes these errors.
Single-Ended Mode
Figure 3 shows the switching matrix configuration for
Y-coordinate measurement in single-ended mode. The
MXB7843 measures the position of the pointing device by
connecting X+ to IN+ of the ADC, enabling Y+ and Y- dri-
vers, and digitizing the voltage on X+. The ADC performs
a conversion with REF+ = REF and REF- = GND. In sin-
gle-ended measurement mode, the bias to the touch
screen can be turned off after the acquisition to save
power. The on-resistance of the X and Y drivers results in
a gain error in single-ended measurement mode. Touch-
screen resistance ranges from 200
Ω to 900Ω (depending
on the manufacturer), whereas the on-resistance of the X
and Y drivers is 8
Ω (typ). Limit the touch-screen current to
less than 50mA by using a touch screen with a resistance
higher than 100
Ω. The resistive divider created by the
touch screen and the on-resistance of the X and Y drivers
result in both an offset and a gain shift. Also, the on-resis-
tance of the X and Y drivers does not track the resistance
of the touch screen over temperature and supply. This
results in further measurement errors.
Differential Measurement Mode
Figure 4 shows the switching matrix configuration for
Y-coordinate measurement. The REF+ and REF- inputs
are connected directly to the Y+ and Y- pins, respec-
tively. Differential mode uses the voltage at the Y+ pin
as the REF+ voltage and voltage at the Y- pin as REF-
voltage. This conversion is ratiometric and independent
of the voltage drop across the drivers and variation in
the touch-screen resistance. In differential mode, the
touch screen remains biased during the acquisition and
conversion process. This results in additional supply
current and power dissipation during conversion when
compared to the absolute measurement mode.
PEN Interrupt Request (
PENIRQ)
Figure 5 shows the block diagram for the PENIRQ func-
tion. When used, PENIRQ requires a 10k
Ω to 100kΩ
pullup to +VDD. If enabled, PENIRQ goes low whenever
the touch screen is touched. The PENIRQ output can
be used to initiate an interrupt to the microprocessor,
which can write a control word to the MXB7843 to start
a conversion.
Figure 6 shows the timing diagram for the PENIRQ pin
function. The diagram shows that once the screen is
touched while CS is high, the PENIRQ output goes low
after a time period indicated by tTOUCH. The tTOUCH
value changes for different touch-screen parasitic
capacitance and resistance. The microprocessor
receives this interrupt and pulls CS low to initiate a con-
version. At this instant, the PENIRQ pin should be
masked, as transitions can occur due to a selected
input channel or the conversion mode. The PENIRQ pin
functionality becomes valid when either the last data bit
is clocked out, or CS is pulled high.
External Reference
During conversion, an external reference at REF must
deliver up to 40µA DC load current. If the reference has
a higher output impedance or is noisy, bypass it close
to the REF pin with a 0.1µF and a 4.7µF capacitor.
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
10
______________________________________________________________________________________


Similar Part No. - MXB7843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843EEE MAXIM-MXB7843EEE Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843EUE MAXIM-MXB7843EUE Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
More results

Similar Description - MXB7843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7846 MAXIM-MXB7846 Datasheet
967Kb / 23P
   2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
Rev 1; 5/04
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com