Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ2010 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXQ2010
Description  Evaluation Kit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXQ2010_11 Datasheet HTML 1Page - Maxim Integrated Products MAXQ2010_11 Datasheet HTML 2Page - Maxim Integrated Products MAXQ2010_11 Datasheet HTML 3Page - Maxim Integrated Products MAXQ2010_11 Datasheet HTML 4Page - Maxim Integrated Products MAXQ2010_11 Datasheet HTML 5Page - Maxim Integrated Products MAXQ2010_11 Datasheet HTML 6Page - Maxim Integrated Products MAXQ2010_11 Datasheet HTML 7Page - Maxim Integrated Products MAXQ2010_11 Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MAXQ2010 Evaluation Kit
_______________________________________________________________________________________
3
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
R3
1
4.7k
±5%, 1/8W resistor (0805)
Yageo RC0805JR-074K7L
R4, R12, R13,
R16, R18, R21
6
10k
±5%, 1/8W resistors (0805)
Yageo RC0805JR-0710KL
R5–R8, R14,
R15, R19
7
1k
±5%, 1/8W resistors (0805)
Yageo RC0805JR-071KL
R9, R10, R11
3
Empty resistor footprint (0805)
R17
1
Photocell (16k –33k )
Advanced Photonix PDV-P8013
R20
1
47k
±5% thermistor (0805)
Murata NCP21WB473J03RA
SW1
1
5-way navigation switch
Panasonic EVQ-Q5A05K
SW2, SW3
2
SPST-NO pushbutton switches
Omron B3FS-1000P
TP1
1
Test point (unpopulated)
U1
1
FTDI USB-to-UART converter
(28-pin SSOP)
FTDI FT232RL/Parallax 604-43
U2
1
Low-power LCD microcontroller
(100-pin LQFP)
Maxim MAXQ2000-RFX+
U3
1
3.3V fixed linear regulator
(5-pin SOT23)
Maxim MAX8868EUK33+
U4
1
2.5V fixed linear regulator
(5-pin SOT23)
Maxim MAX8868EUK25+
DESIGNATION
QTY
DESCRIPTION
U5
1
8-character, 14-segment, 3V LCD
Varitronix VIM-878-DP
U6
1
16-bit mixed-signal microcontroller
with LCD (100-pin LQFP)
Maxim MAXQ2010-RFX+
U7
1
3V EconOscillator (8-pin SO)
Maxim DS1077LZ-40+
U8
1
I2C serial EEPROM (64K x 8)
(8-pin SO)
Microchip 24AA512-I/SM
U9, U10,
U12–U17
8
Single, micropower, single-supply,
rail-to-rail, op amp (5-pin SOT23)
Maxim MAX4091AUK+
U11
1
1Tx/1Rx RS-232 transceiver
(16-pin TSSOP)
Maxim MAX3221CUE+
Y1
1
12.000MHz, 18pF crystal
Citizen HC49US12.000MABJ-UB
Y2
1
32.768kHz, 6pF crystal
Citizen CFS206-32.768KDZB-UB
1
10.000MHz crystal
Citizen HC49US10.000MABJ-UB
Y3 (socketed)
1
Crystal socket strip (strip of 64) (fits
HC49US)
Mill-Max 310-43-164-41-001000
None
1
PCB: MAXQ2010 EV Kit Circuit
Board


Similar Part No. - MAXQ2010_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2010-RFX++ MAXIM-MAXQ2010-RFX+ Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
More results

Similar Description - MAXQ2010_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com