Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX34406WETG+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX34406WETG+
Description  Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34406WETG+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX34406WETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
����������������������������������������������������������������� Maxim Integrated Products  6
MAX34406
Quad Current-Sense Amplifier
with Overcurrent Threshold Comparators
Pin Description (continued)
PIN
NAME
FUNCTION
14
IN3-
External Sense Resistor Load-Side Connection for Amplifier 3
15
OUT3
Output Voltage from Amplifier 3 Proportional to VSENSE. This output is clamped at 6V.
16
OUT4
Output Voltage from Amplifier 4 Proportional to VSENSE. This output is clamped at 6V.
17
IN4-
External Sense Resistor Load-Side Connection for Amplifier 4
18
IN4+
External Sense Resistor Power-Side Connection for Amplifier 4. Bias at this pin also provides the supply
voltage for amplifier 4. This pin can be left open circuit if not needed.
19
VDD
Supply Voltage for Reference, Comparators, and Logic. A +2.7V to +5.5V supply. This pin should be
decoupled to GND with a 100nF ceramic capacitor.
20
ENA
SHTDN Enable Input. CMOS digital input. Connect to GND to clear the latch and unconditionally
deassert (force low) the SHTDN output. Connect to VDD to enable normal latch operation of the SHTDN
output. ENA should be toggled low once VDD reaches nominal operating voltage.
21
SHTDN
Shutdown Output. Open-drain output. This output transitions to high impedance when any of the four
overcurrent comparator outputs (OC1 to OC4) are asserted (high impedance) as long as the ENA pin is
high. Toggling the ENA pin allows SHTDN to reset to logic-low.
22
CDLY
Shutdown Delay Capacitor. A capacitor (CCDLY) from this pin to GND delays the transition of the
SHTDN pin. The delay time can be calculated by the following formula: tDLY = CCDLY x (VDD/10FA). The
capacitor connected to CDLY is discharged when ENA is low and also upon VDD being applied (i.e., at
power-on reset). A shunt resistor, RBLEED, with a max of 22mI, is required to be connected in parallel
with the CCDLY capacitor. If the shutdown delay is not required, this pin can be left unconnected.
24
GND
Ground Reference
EP
Exposed Pad. Connect to ground or leave unconnected.


Similar Part No. - MAX34406WETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406WETG++ MAXIM-MAX34406WETG+ Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
MAX34406WETG+T MAXIM-MAX34406WETG+T Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
More results

Similar Description - MAX34406WETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406_12 Datasheet
1Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 1; 1/12
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
logo
Texas Instruments
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
[Old version datasheet]   Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
[Old version datasheet]   Overcurrent-Protection, Current-Sense Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com